Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • XBD-R

  • AI
    The **XBD-R** series typically refers to high-precision, coreless DC motors (often associated with brands like Sinbad or specialized miniature motor manufacturers). These motors are designed for high efficiency, compact size, and rapid acceleration. Below is a breakdown of the electronic and structural components that define the XBD-R series. --- ### 1. Core Components of XBD-R Motors | Component | Description | Electronic/Mechanical Function | | :--- | :--- | :--- | | **Coreless Rotor** | A honeycomb-shaped winding without an iron core. | Eliminates cogging torque and reduces rotor inertia. | | **Rare Earth Magnets** | High-grade NdFeB (Neodymium) magnets. | Provides a high-density magnetic field for maximum torque. | | **Commutation System** | Precious metal (Gold/Silver) or Carbon brushes. | Low contact resistance and reduced electrical noise. | | **Ball Bearings** | High-precision stainless steel bearings. | Minimizes friction and supports high-speed rotation. | --- ### 2. Electronic Operating Characteristics The XBD-R series is defined by specific electrical performance metrics that allow for precise control in robotics and medical devices. #### A. Power Efficiency Because there is no iron core (and thus no eddy current losses), these motors often reach efficiencies of **80% to 90%**. This is critical for battery-operated devices. #### B. Low Inductance The coreless design results in very low inductance. From an electronics standpoint, this means: * **Faster Response:** The motor reaches full speed almost instantly. * **Reduced Sparking:** Less electrical erosion on the brushes, leading to a longer lifespan. #### C. Control Compatibility XBD-R motors are usually driven via: * **PWM (Pulse Width Modulation):** Used to control speed by varying the duty cycle. * **Encoder Integration:** Many XBD-R models come with rear-mounted optical or magnetic encoders to provide feedback on position and velocity. --- ### 3. Technical Specification Table (Typical) | Feature | Specification Range | | :--- | :--- | | **Input Voltage** | 3V - 24V DC | | **No-load Speed** | 5,000 – 15,000 RPM | | **Starting Voltage** | Often < 0.5V | | **Operating Temp** | -20°C to +65°C | --- ### 4. Common Applications Due to their high power-to-weight ratio, these electronic parts are found in: 1. **Medical Equipment:** Insulin pumps and surgical tools. 2. **Precision Robotics:** Grippers and small joint actuators. 3. **Optics:** Zoom and focus mechanisms for high-end lenses.
    ✨ Follow-up Questions
    • ⤷ What is the difference between carbon brushes and precious metal brushes in XBD-R motors?
    • ⤷ How do I calculate the torque constant for an XBD-R motor based on its electrical specs?
    • ⤷ Can XBD-R motors be used with standard ESCs or do they require specific drivers?