XF070705-R10N
AI

The **XF070705-R10N** is a high-performance **SMD (Surface Mount Device) Shielded Power Inductor**. These components are critical in modern electronics for managing power distribution and filtering noise in DC-DC converters.
---
### 1. Technical Specifications
The part number typically follows a standard naming convention used by manufacturers like **XFMRS** or similar magnetic component specialists.
| Parameter | Typical Value / Description |
|:---|:---|
| **Inductance** | 0.10 µH (indicated by "R10") |
| **Tolerance** | ±30% (indicated by "N") |
| **Type** | Shielded Power Inductor |
| **Footprint/Size** | Approx. 7.0mm x 7.0mm x 5.0mm (indicated by "070705") |
| **Core Material** | Composite Iron Powder or Ferrite |
| **Mounting** | SMD / SMT (Surface Mount Technology) |
---
### 2. Key Features
* **High Saturation Current:** Designed to handle high peaks of current without the magnetic core losing its inductive properties.
* **Magnetic Shielding:** The "shielded" design minimizes Electromagnetic Interference (EMI), preventing the inductor from affecting nearby sensitive components on the PCB.
* **Low DCR (DC Resistance):** It uses flat or heavy-gauge wire to minimize energy loss as heat, increasing overall power supply efficiency.
* **Soft Saturation:** The composite construction allows for a gradual drop in inductance rather than a sharp crash when current limits are exceeded.
---
### 3. Application Use Cases
This specific part is generally found in high-frequency switching environments:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery.
2. **DC-DC Converters:** Buck, Boost, or Buck-Boost converters for telecommunications and industrial equipment.
3. **Battery Powered Devices:** Ideal for laptops or handheld devices where efficiency and space are at a premium.
4. **Distributed Power Systems:** Managing local point-of-load (POL) regulation.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting substitutes:
* **XF:** Manufacturer prefix (likely XFMRS).
* **070705:** Physical dimensions ($L \times W \times H$).
* **R10:** The value of inductance. "R" acts as a decimal point ($0.10$ microhenries).
* **N:** Tolerance code (usually $\pm 30\%$).
- ⤷
What are the equivalent alternative parts for the XF070705-R10N from other manufacturers?
- ⤷ What is the maximum saturation current rating for this specific inductor?
- ⤷ How does the 'N' tolerance rating affect the stability of a DC-DC converter?