XF090604-R19M
AI

The **XF090604-R19M** is a specialized electronic component, typically categorized as a **High-Current Power Inductor** or a **Common Mode Choke**, often used in automotive and industrial power supply applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The part numbering follows a standard convention used by manufacturers like **XFMRS** or similar power component specialists.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Inductor |
| **Inductance Value** | 0.19 µH (indicated by "R19") |
| **Tolerance** | ±20% (standard for M suffix) |
| **Current Rating** | High Current (typically > 30A depending on package) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Electrical Characteristics
#### A. Inductance (R19M)
* **Value:** 0.19 microhenries ($\mu H$).
* **Tolerance:** The "M" denotes a $\pm 20\%$ tolerance.
* **Application:** Low inductance values are characteristic of high-frequency switching regulators (Buck/Boost converters) where fast transient response is required.
#### B. DC Resistance (DCR)
To handle high current without overheating, this component is designed with extremely low DCR. This minimizes power loss ($P = I^2R$) and improves overall efficiency.
#### C. Saturation Current ($I_{sat}$)
This represents the current level at which the inductance drops by a specific percentage (usually 20-30%). The XF090604 series is designed to maintain stability even under heavy loads.
---
### 3. Physical Construction
The "090604" usually refers to the physical dimensions of the component in millimeters:
* **Length:** ~9.0 mm
* **Width:** ~6.0 mm
* **Height:** ~4.0 mm
**Materials:**
* **Core:** Usually a Carbonyl Iron or Ferrite core to minimize core losses at high frequencies.
* **Shielding:** Shielded construction to reduce Electromagnetic Interference (EMI), which is critical in dense PCB layouts.
---
### 4. Typical Applications
Components like the XF090604-R19M are found in:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs.
2. **DC-DC Converters:** Distributed power systems in telecommunications.
3. **Automotive Electronics:** Power filtering for infotainment or ADAS systems.
4. **High-Frequency Filters:** Reducing ripple current in switching power supplies.
---
### 5. Identification Code Breakdown
`XF` | `090604` | `-` | `R19` | `M`
---|---|---|---|---
Manufacturer Prefix | Package/Size Dim. | | Inductance (0.19$\mu H$) | Tolerance ($\pm 20\%$)
- ⤷
What is the maximum operating temperature for the XF090604 series?
- ⤷ How does the R19 value compare to R22 in terms of ripple current?
- ⤷ Is this component AEC-Q200 qualified for automotive use?