XF100807-R31M
AI

The **XF100807-R31M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-frequency power supplies. It is designed to handle significant current with minimal energy loss.
---
## 1. Technical Specifications
The part number follows a standard industry naming convention for inductors. Here are the core electronic characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.31 µH (denoted by "R31") |
| **Tolerance** | ±20% (denoted by "M") |
| **Package Size** | ~10.0 x 8.0 x 7.0 mm (approximate) |
| **Construction** | Shielded, Composite/Molded Powder |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
## 2. Key Electronic Features
### A. High Current Saturation ($I_{sat}$)
Due to its low inductance (0.31 µH), this component is engineered to handle very high saturation currents (often exceeding 30A-50A depending on the specific manufacturer series). The magnetic core is designed not to "saturate" or lose its inductive properties quickly when high current flows through it.
### B. Low DC Resistance (DCR)
The "R31" (0.31 µH) value typically implies a very thick internal copper winding. This results in extremely low DCR, which minimizes $I^2R$ power losses and reduces heat generation during operation.
### C. Magnetic Shielding
The part is shielded, meaning the magnetic flux is contained within the component body. This is critical for:
* **EMI Reduction:** Preventing interference with nearby sensitive circuits.
* **Efficiency:** Maintaining a tight magnetic loop.
---
## 3. Typical Applications
This specific inductor is usually found in the "Output Filter" stage of power management systems:
* **VRMs (Voltage Regulator Modules):** Found on computer motherboards and GPUs.
* **Point-of-Load (POL) Converters:** Used to step down voltage for high-end processors/FPGAs.
* **Multi-phase Buck Converters:** Used where high efficiency and high current density are required.
---
## 4. Part Number Breakdown
While specific manufacturers (like Coilcraft, Vishay, or Eaton) have slight variations, the code generally breaks down as follows:
* **XF:** Series identifier (often related to high-frequency or high-temp performance).
* **100807:** Physical dimensions (Length 10mm, Width 8mm, Height 7mm).
* **R31:** The Inductance value ($0.31$ microhenries).
* **M:** Tolerance code (M = $\pm 20\%$).
- ⤷
What is the maximum saturation current for the XF100807-R31M?
- ⤷ Which manufacturers produce equivalents for this specific footprint?
- ⤷ How does the temperature rise affect the inductance of this component?