Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • XF757510-R20

  • AI
    The **XF757510-R20** is a specific electronic component, primarily categorized as a **High-Current Power Inductor**. These components are critical in power management circuits, particularly for smoothing current and storing energy in DC-DC converters. --- ### 1. Key Technical Specifications While specifications can vary slightly by manufacturer (often associated with brands like XFMRS or similar power magnetic specialists), the part number "R20" typically indicates the inductance value. | Feature | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.20 µH (Microhenries) | | **Component Type** | Shielded Surface Mount (SMD) Inductor | | **Tolerance** | Usually ±20% | | **Core Material** | Composite / Iron Powder (High saturation) | | **Configuration** | Low Profile, High Current | --- ### 2. Core Electronic Functions The XF757510-R20 performs several vital roles within a circuit: * **Energy Storage:** It stores energy in a magnetic field when current flows through it, releasing it when the current is interrupted (essential for buck/boost converters). * **Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. * **Current Ripple Reduction:** In Voltage Regulator Modules (VRMs), it smoothes out the "ripples" in the output voltage to provide stable power to sensitive components like CPUs or GPUs. --- ### 3. Physical & Design Attributes * **Shielded Design:** The "757510" usually refers to the physical dimensions (e.g., 7.5mm x 7.5mm x 1.0mm). The shielding prevents electromagnetic interference (EMI) from affecting nearby components. * **Low DCR (DC Resistance):** Designed with thick internal copper windings to minimize power loss through heat, ensuring high efficiency. * **High Saturation Current:** The "R20" (0.20µH) model is optimized for very high current applications where the inductor must maintain its inductance even under heavy loads without "saturating." --- ### 4. Common Applications * **Computing:** Graphics cards (GPU), motherboards, and servers. * **Telecom:** Network switches and base station power modules. * **Consumer Electronics:** High-end laptops and ultra-thin tablets requiring low-profile components.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for the XF757510-R20?
    • ⤷ How does the 'R20' inductance value compare to '1R0' in terms of performance?
    • ⤷ What are the recommended soldering footprints for this 7575 size inductor?