XFHCL11-R19M
AI

The **XFHCL11-R19M** is a high-performance **Shielded Power Inductor**, commonly used in DC-DC converter applications and power management modules. It is designed to handle high currents while maintaining a compact surface-mount footprint.
---
### 1. Key Technical Specifications
Below are the typical electrical and physical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.19 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (DC Resistance)** | Very Low (typically < 1.0 mΩ) |
| **Saturation Current (Isat)** | High (often exceeding 40A - 60A depending on series) |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Mounting Type** | SMD/SMT (Surface Mount Device) |
| **Operating Temp** | -40°C to +125°C (standard range) |
---
### 2. Composition and Design
* **Core Material:** Usually composed of a metal alloy powder or carbonyl iron. This allows for soft saturation characteristics, meaning the inductance doesn't drop abruptly when current increases.
* **Molded Construction:** The wire coil is embedded directly into the magnetic metal powder. This "molded" design provides excellent mechanical strength and minimizes acoustic noise (buzzing).
* **Shielding:** The integrated magnetic shield ensures that electromagnetic interference (EMI) is contained, which is critical for densely packed circuit boards.
---
### 3. Application Use Cases
This specific part is ideal for high-frequency, high-current environments:
1. **Voltage Regulator Modules (VRMs):** Found in motherboards and GPU power phases.
2. **Point of Load (POL) Converters:** Used to step down voltages for CPUs and FPGAs.
3. **Battery Powered Systems:** High efficiency due to low DCR helps extend battery life.
4. **Automotive Electronics:** Used in infotainment and ADAS power supplies due to its thermal stability.
---
### 4. Part Number Breakdown (Generic)
| Segment | Meaning |
| :--- | :--- |
| **XF** | Manufacturer prefix (XFMRS or similar) |
| **HCL** | High Current Low-profile series |
| **11** | Package size dimensions (approx. 11mm x 10mm) |
| **R19** | Inductance value (R represents the decimal: 0.19 µH) |
| **M** | Tolerance code (M = ±20%) |
- ⤷
What are the equivalent alternative parts for the XFHCL11-R19M?
- ⤷ How does the saturation current affect the performance of this inductor in a DC-DC converter?
- ⤷ Can this inductor be used in high-temperature automotive applications?