XFHCL11MM-R33M
AI

The **XFHCL11MM-R33M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of shielded composite inductors designed for high current density and low acoustic noise.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (Direct Current Resistance)** | Extremely Low (typically < 2.0 mΩ) |
| **Saturation Current (Isat)** | High (typically 20A - 30A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Shielded, Composite Molded |
---
### 2. Physical Characteristics & Build
* **Molded Structure:** The inductor is made using a metallic powder core technology. This "molded" design allows for a soft saturation characteristic, meaning the inductance doesn't drop off sharply as current increases.
* **Magnetic Shielding:** The part is naturally shielded by its construction, which minimizes electromagnetic interference (EMI) with surrounding components on the PCB.
* **Compact Footprint:** The "11MM" designation usually refers to the physical size series (approximately 11mm x 10mm), making it suitable for high-density power stages.
---
### 3. Application Areas
This component is specifically engineered for modern, high-speed power electronics:
* **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards to power CPUs and GPUs.
* **DC/DC Converters:** Used in point-of-load (POL) power supplies where high efficiency is critical.
* **Battery Powered Systems:** Its low DCR helps maximize battery life by reducing heat loss ($P = I^2R$).
* **Automotive/Industrial:** Used in high-current sensor power supplies and infotainment systems due to its robust thermal performance.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
1. **XFHCL:** Series identifier (High Current, Low Profile Inductor).
2. **11MM:** Case size/Form factor.
3. **R33:** Inductance value ($R$ acts as a decimal point, so $0.33 \mu H$).
4. **M:** Tolerance code ($M = \pm 20\%$).
---
- ⤷
What are the equivalent alternatives from brands like Coilcraft or Vishay?
- ⤷ How does 'soft saturation' in this inductor differ from ferrite core inductors?
- ⤷ What is the recommended solder profile for this SMD package?