XFHCL2009-R60M
AI

The **XFHCL2009-R60M** is a high-performance **SMD (Surface Mount Device) Shielded Power Inductor**. These components are specifically designed for high-current applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **XFHCL** | Series Code | High-current, low-profile shielded inductor series. |
| **2009** | Case Size | Approximate dimensions (e.g., ~2.0mm x 2.0mm, height 0.9mm). |
| **R60** | Inductance Value | **0.60 µH** (Microhenries). |
| **M** | Tolerance | **±20%** standard tolerance. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (often XFMRS or equivalent), the typical characteristics for a "2009-R60M" inductor are:
* **Inductance:** 0.60 µH.
* **Shielding:** Magnetically shielded construction (prevents magnetic flux from leaking and affecting nearby components).
* **Core Material:** Usually a Metal Alloy or Carbonyl Powder (provides high saturation current).
* **DC Resistance (DCR):** Very low (typically in the range of 15–30 mΩ) to minimize power loss.
* **Isat (Saturation Current):** The current level where inductance drops by a specific percentage (e.g., 30%). For this size, it is usually between **3A to 5A**.
* **Irms (Heating Current):** The continuous current that causes a specific temperature rise (usually 40°C).
---
### 3. Physical Features & Construction
1. **Low Profile:** The "09" in the name often denotes a height of less than 1.0mm, making it ideal for ultra-thin electronics like smartphones or tablets.
2. **Molded Construction:** The wire coil is usually embedded in a metallic powder composite. This makes the part more robust against mechanical shock and acoustic noise (buzzing).
3. **Flat Bottom:** Designed for automated pick-and-place SMT assembly.
---
### 4. Common Applications
Due to its high current handling and small footprint, the XFHCL2009-R60M is commonly found in:
* **DC-DC Converters:** Used in point-of-load (POL) power supplies.
* **Mobile Devices:** Power management for CPUs/GPUs in smartphones and wearables.
* **Solid State Drives (SSD):** Filtering and energy storage in compact storage modules.
* **Laptops:** VRM (Voltage Regulator Module) circuits.
---
- ⤷
What are the exact dimensions (L x W x H) for the 2009 metric package?
- ⤷ How does a shielded inductor differ from an unshielded one in terms of EMI?
- ⤷ What is the maximum operating temperature for this specific inductor series?