XFHCL2009-R68M
AI

## XFHCL2009-R68M: Electronic Component Analysis
The **XFHCL2009-R68M** is a surface-mount (SMD) power inductor, typically categorized as a "Molded Power Inductor." These components are designed for high-efficiency power conversion in compact electronic devices.
---
### 1. Part Number Deciphering
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Description | Meaning |
| :--- | :--- | :--- |
| **XFHCL** | Series Prefix | High-current, low-profile molded inductor series. |
| **2009** | Case Size | Dimensions (approx. 2.0mm x 0.9mm). |
| **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** (Standard industry code). |
---
### 2. Key Technical Specifications
While exact specs can vary slightly by manufacturer (often XFMRS or similar equivalents), the general parameters for a 2009-size 0.68µH inductor are:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Typically very low (mΩ range) to minimize power loss.
* **Isat (Saturation Current):** The current level where inductance drops (usually by 30%).
* **Irms (Rated Current):** The continuous current that causes a specific temperature rise (e.g., 40°C).
* **Construction:** Metal alloy powder molding, which provides excellent magnetic shielding and reduces acoustic noise.
---
### 3. Application Use Cases
This specific part is frequently used in **DC-DC Converters** and **Point of Load (POL)** applications due to its small footprint and high current handling.
* **Mobile Devices:** Smartphones and tablets for battery management.
* **Wearables:** Smartwatches where space is extremely limited (0.9mm height).
* **Computing:** SSDs and high-speed communication modules.
* **VR/AR:** Compact power rails for headsets.
---
### 4. Advantages of the "Molded" Design
The XFHCL series utilizes a molded structure rather than a traditional wire-wound drum core:
1. **Lower EMI:** The magnetic material completely surrounds the coil, shielding electromagnetic interference.
2. **Robustness:** Better resistance to mechanical shock and vibration.
3. **Saturation:** Features "Soft Saturation" characteristics, meaning the inductance drops gradually rather than abruptly as current increases.
- ⤷
What are the exact physical dimensions and footprint for the XFHCL2009?
- ⤷ How does R68M compare to a 1R0M inductor in terms of efficiency?
- ⤷ Which manufacturers are the primary producers of the XFHCL series?