XFHCL5-R57L
AI

The **XFHCL5-R57L** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a category of "Molded Power Inductors," which are designed for high efficiency and compact footprints.
---
### ## Technical Specifications
Below are the typical technical parameters for this component:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.57 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | High Current (Typically 15A - 25A depending on temp rise) |
| **Saturation Current (Isat)** | High (The point where inductance drops by ~30%) |
| **DC Resistance (DCR)** | Extremely Low (typically < 3.0 mΩ) |
| **Operating Temp** | -40°C to +125°C |
| **Construction** | Shielded, Composite Molded Iron Powder |
---
### ## Core Features
1. **Molded Construction:** The coil is embedded in a metallic magnetic powder. This design eliminates "acoustic noise" (buzzing) and provides excellent magnetic shielding to prevent Electromagnetic Interference (EMI) with nearby components.
2. **Soft Saturation:** Unlike traditional ferrite inductors that drop inductance sharply when current limits are exceeded, this part has a "soft" saturation curve, making the circuit more stable during current spikes.
3. **Low DCR:** The use of flat wire or heavy gauge copper internally minimizes power loss as heat, significantly increasing the efficiency of power supplies.
---
### ## Common Applications
This inductor is primarily found in high-performance power management modules:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops or servers.
* **DC-DC Converters:** Point-of-Load (POL) converters.
* **Automotive Electronics:** Infotainment and ADAS systems.
* **Battery Powered Devices:** Where space is limited but high current is required.
---
### ## Footprint and Mounting
The "L" in the suffix usually denotes a specific lead frame or packaging style (Low profile). It is a **Surface Mount Device (SMD)**, meaning it is soldered directly onto the pads of a Printed Circuit Board (PCB) using automated pick-and-place machinery.
- ⤷
What is the maximum saturation current for the XFHCL5-R57L?
- ⤷ How does a molded inductor compare to a traditional wire-wound ferrite inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?