XFHCL5-R68L
AI

The **XFHCL5-R68L** is a specific part number for a **High-Current Power Inductor**, typically manufactured by companies like XFMRS or similar electronic component specialists. These components are designed for high-frequency DC-DC converters and power management circuits.
### 1. Technical Specifications
The part number follows a standard naming convention where the suffixes denote inductance and tolerance values.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (Indicated by "R68") |
| **Tolerance** | ±15% or ±20% (Typically "L" or "M" suffix) |
| **Component Type** | Shielded Surface Mount (SMD) Power Inductor |
| **Material** | Composite Magnetic Iron Powder (High Saturation) |
| **Operating Temp** | -40°C to +125°C (Standard industrial grade) |
---
### 2. Key Features
* **High Saturation Current:** Designed to handle high peak currents without the inductance dropping significantly (magnetic saturation).
* **Shielded Construction:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical for densely packed PCBs.
* **Low DCR (DC Resistance):** Uses flat wire or heavy gauge copper to minimize power loss and heat generation.
* **Soft Saturation Characteristics:** Unlike ferrite cores that drop inductance sharply, the powder core in this series provides a gradual roll-off.
---
### 3. Application Use Cases
This component is commonly found in the following electronic environments:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery on motherboards.
2. **Point of Load (POL) Converters:** Step-down (Buck) converters used in telecommunications.
3. **Battery Powered Devices:** High-efficiency power management for portable electronics.
4. **Automotive Infotainment:** Powering onboard displays and processing units.
---
### 4. PCB Footprint (Example)
While you should always consult the specific datasheet for the **XFHCL5** series dimensions, the typical footprint for this class of inductor is:
```markdown
Dimensions (approximate):
- Length: 5.4 mm
- Width: 5.2 mm
- Height: 3.0 mm (Low profile)
```
- ⤷
What is the maximum saturation current (Isat) for the XFHCL5-R68L?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?
- ⤷ What are the recommended soldering reflow profiles for this SMD component?