Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • XFHCL6MD-R47M

  • AI
    ### Technical Overview of XFHCL6MD-R47M The **XFHCL6MD-R47M** is a high-performance, surface-mount (SMD) power inductor. It is specifically designed for high-frequency DC-DC converter applications where space is limited and high current handling is required. --- ### Key Specifications Below are the typical technical parameters for this specific part number: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | Very Low (typically < 5 mΩ) | | **Saturation Current (Isat)** | High (typically 15A - 25A range) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 6060 (approx. 6.0 x 6.0 mm) | | **Shielding** | Magnetically Shielded (Composite construction) | --- ### Detailed Component Breakdown #### 1. Inductance & Tolerance (`R47M`) * **R47**: Represents the value of **0.47 microhenries (µH)**. The 'R' acts as the decimal point. * **M**: Represents a **±20%** tolerance, which is standard for power inductors used in voltage regulation. #### 2. Material Construction This part typically uses a **metal alloy powder core**. Unlike traditional ferrite drum cores, the molded metal powder construction offers: * **Soft Saturation:** The inductance drops gradually as current increases, rather than dropping sharply. * **Low EMI:** The molded body acts as a natural shield, reducing electromagnetic interference with surrounding components. #### 3. Applications The XFHCL6MD-R47M is primarily found in: * **Voltage Regulator Modules (VRM):** For CPUs and GPUs. * **POL (Point of Load) Converters:** Used in telecommunications and servers. * **Battery Powered Devices:** High efficiency due to low DCR helps extend battery life. --- ### Comparison with Traditional Inductors ```markdown - Standard Ferrite: Higher core losses at high frequencies, sharp saturation curves. - XFHCL6MD (Metal Powder): Lower core losses, compact height, handles higher peak currents without saturating. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the XFHCL6MD-R47M?
    • ⤷ Are there alternative part numbers with the same footprint but higher inductance?
    • ⤷ How does the metal powder core improve thermal performance compared to ferrite?