XFSMC2-R82M
AI

The **XFSMC2-R82M** is a high-performance power inductor, typically categorized as a surface-mount (SMD) molded power inductor. It is widely used in DC-DC converters and power management modules due to its compact size and high current handling capabilities.
---
## 1. Technical Specifications
The part number follows a specific nomenclature. Below are the typical electrical and physical characteristics for this component:
| Characteristic | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (M) |
| **DCR (Direct Current Resistance)** | Very Low (approx. 2.0 - 4.0 mΩ) |
| **Saturation Current (Isat)** | High (approx. 15A - 25A depending on size) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal Alloy Powder (Molded) |
---
## 2. Key Electronic Features
### A. Molded Construction
Unlike traditional wire-wound inductors with an open core, the **XFSMC2** series uses a composite metal powder molding technology. This offers:
* **Magnetic Shielding:** Minimizes electromagnetic interference (EMI) with surrounding components.
* **Acoustic Noise Reduction:** Reduces "buzzing" caused by magnetostriction.
* **Robustness:** High resistance to mechanical shock and vibration.
### B. Soft Saturation Characteristics
The metal alloy core provides a "soft" saturation curve. Unlike ferrite cores that lose inductance sharply when current limits are exceeded, this part maintains a more stable inductance level under high peak currents, preventing circuit instability.
### C. Low DCR (DC Resistance)
The internal flat-wire or heavy-gauge copper winding ensures minimal power loss through heat, which is critical for maintaining high efficiency in mobile and battery-powered devices.
---
## 3. Common Applications
The **XFSMC2-R82M** is commonly found in the following electronic environments:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supplies.
2. **Point of Load (POL) Converters:** Providing stable power to FPGAs and ASICs.
3. **Battery Powered Devices:** High-efficiency buck/boost converters in tablets or laptops.
4. **Automotive Infotainment:** Powering sensors and display modules where EMI suppression is vital.
---
## 4. Footprint and Mounting
The "MC2" usually denotes the package size (e.g., a specific metric or imperial footprint like 4040 or 7070). These parts are designed for **Automated Optical Inspection (AOI)** and are compatible with lead-free reflow soldering processes.
- ⤷
What is the maximum current rating (Irms) for the XFSMC2-R82M?
- ⤷ How does this molded inductor compare to a standard ferrite core inductor in terms of EMI?
- ⤷ Is this component AEC-Q200 qualified for automotive use?