Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • XHS35F-50-R2-FS-EPROGAB

  • AI
    The **XHS35F-50-R2-FS-EPROGAB** is a specialized industrial incremental encoder manufactured by **BEI Sensors** (now part of Sensata Technologies). This specific model belongs to the XHS35 series, which is known for its "Hollow Shaft" design and extreme durability in heavy-duty environments. --- ### 1. Breakdown of the Model Number To understand the electronic and physical characteristics, we can decode the part number: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **XHS35** | Heavy Duty, 3.5-inch diameter explosion-proof/rugged housing. | | **Shaft Style** | **F** | Hollow shaft design (fits over a motor or machine shaft). | | **Shaft Bore** | **50** | 1/2 inch (0.50") bore diameter. | | **Output Type** | **R2** | Dual Output (Redundant) or specific differential line driver configuration. | | **Safety/Feature**| **FS** | Functional Safety rated (often IEC 61508 / ISO 13849 compliant). | | **Programming** | **EPROG** | Electronically Programmable (Resolution can be field-configured). | | **Connector** | **AB** | Specific pinout or connector type (typically an MS-style connector). | --- ### 2. Key Electronic Specifications The "EPROG" designation is the most significant electronic feature, allowing the user to define pulses per revolution (PPR) via software. * **Supply Voltage:** Usually ranges from **5V to 30V DC**. * **Output Channels:** A, B, and Z (Index pulse), plus their complements (A/, B/, Z/) for noise immunity. * **Output Format:** TTL (RS-422) or HTL (Push-Pull) depending on the internal jumper or programming. * **Programmability:** Users can program any resolution from **1 to 65,536 PPR**, making it a versatile "universal" replacement part. --- ### 3. Physical & Environmental Features This encoder is built for "Ex" (Explosive) environments and heavy vibration scenarios. * **Housing:** Anodized aluminum or stainless steel options for corrosion resistance. * **Protection Rating:** Typically **IP66/IP67** (dust-tight and protected against powerful water jets). * **Safety Level:** The "FS" designation indicates it is suitable for use in safety-instrumented systems (SIS) where monitoring motor speed for emergency stops is critical. * **Temperature Range:** Standard operation from **-40°C to +100°C**. --- ### 4. Common Applications Due to its rugged nature and programmable electronics, this part is found in: 1. **Oil & Gas:** Drawworks and top drives. 2. **Steel Mills:** High-heat, high-vibration roller tables. 3. **Lifts/Hoists:** Safety-critical speed monitoring for elevators or cranes. 4. **Marine:** Winch control on offshore platforms.
    ✨ Follow-up Questions
    • ⤷ How do you program the PPR settings on an EPROG encoder?
    • ⤷ What are the specific wiring pinouts for the AB connector type?
    • ⤷ What is the difference between the XHS35 and the standard HS35 series?