AI

The **XHS35F-75-R2-SS-EPROGA** is a high-performance, heavy-duty industrial rotary encoder manufactured by BEI Sensors (Sensata Technologies). It is part of the XHS35 series, designed for rugged applications like motor feedback and factory automation.
---
### ## Technical Specifications Breakdown
The model number provides specific details about the electronic and mechanical configuration:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | XHS35F | Hollow shaft, 3.5-inch diameter explosion-proof/heavy-duty series. |
| **Shaft Size** | 75 | 3/4 inch (0.75") bore diameter. |
| **Mounting** | R2 | Tether-arm style mounting (flexible coupling). |
| **Material** | SS | Stainless Steel housing/construction for corrosion resistance. |
| **Output Type** | EPROGA | Programmable Electronic output (Line Driver). |
---
### ## Key Electronic Components & Features
### 1. Optical Sensing Technology
The unit utilizes an **optical disk and LED sensor array**. As the shaft rotates, the disk interrupts the light beam, converting mechanical rotation into electrical pulses. Optical sensing provides high precision and immunity to magnetic interference.
### 2. EPROGA Output Driver
The "EPROGA" designation refers to the electronics package:
* **Programmable Resolution:** Unlike fixed-pulse encoders, this unit can be programmed for different Cycles Per Revolution (CPR), typically ranging from 1 to 65,536 pulses.
* **Line Driver (RS-422):** It uses a differential signal (A, A-not, B, B-not, Z, Z-not). This is crucial for long cable runs as it cancels out electromagnetic noise.
* **Multi-Voltage Compatibility:** Usually supports a wide range of input power (typically 5V to 28V DC).
### 3. Electrical Protection
To survive industrial environments, the internal circuitry includes:
* **Reverse Polarity Protection:** Prevents damage if the power supply wires are crossed.
* **Short Circuit Protection:** Safeguards the output drivers against wiring faults.
* **ESD/Surge Protection:** Shielding against high-voltage spikes common in motor environments.
---
### ## Connection Pinout (General Layout)
Most XHS35 models with these electronics use a standard M12 or MS-style connector.
| Signal | Function | Typical Wire Color |
| :--- | :--- | :--- |
| **Vcc** | Supply Voltage (+) | Red |
| **Common** | Ground (-) | Black |
| **A / B** | Incremental Channels | White / Blue |
| **Z** | Index (Reference) Pulse | Orange |
| **Case** | Shield / Earth | Drain Wire |
---
### ## Applications
* **Oil & Gas:** Due to the "SS" (Stainless Steel) and rugged build, it is often used in offshore drilling rigs.
* **Steel Mills:** High-temperature and high-vibration resistance.
* **Large Motors:** Used for precise speed and position feedback in AC/DC motor drives.
- ⤷
What is the maximum pulse per revolution (PPR) capability of the EPROGA electronics?
- ⤷ How do I program the resolution of an XHS35 series encoder?
- ⤷ What are the specific environmental ratings (IP ratings) for this stainless steel model?