AI

The **XHS35F-75-R2-SS-XPROGA** is a high-performance, heavy-duty incremental optical encoder manufactured by **Sensata | BEI Sensors**. It is specifically designed for industrial applications requiring high durability and precise motion feedback.
Below is a breakdown of its electronic and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | XHS35 (Explosion Proof / Heavy Duty) |
| **Bore Size** | 0.75 Inches (75) |
| **Output Type** | R2 (Differential Line Driver, 5-28V in, 5-28V out) |
| **Shaft Seal** | SS (Shaft Seal for IP67 protection) |
| **Programmability** | XPROGA (Field Programmable via X-PROG tool) |
| **Resolution** | 1 to 65,536 pulses per revolution (PPR) |
---
### 2. Electronic Components & Signal Characteristics
The "Electronic Parts" of this device focus on signal generation, processing, and transmission:
#### A. The Optical Engine
At its core, the unit uses an **Optical Disk and LED pair**. As the shaft rotates, the disk interrupts the light beam, creating pulses. Because this is the "XPROGA" version, the electronics allow the user to program the specific PPR (Pulses Per Revolution) needed for the application without changing hardware.
#### B. Output Circuitry (R2 - Line Driver)
The **R2** designation indicates a **Differential Line Driver** (typically based on the ET7272 or similar IC).
* **Voltage Range:** 5V to 28V DC.
* **Signals:** Provides A, B, and Z (Index) channels, along with their complements ($\bar{A}$, $\bar{B}$, $\bar{Z}$).
* **Benefit:** Differential signals provide high noise immunity, essential for long cable runs in electrically noisy industrial environments.
#### C. Protection Circuitry
The internal electronics include:
* **Reverse Polarity Protection:** Prevents damage if the power supply wires are crossed.
* **Short Circuit Protection:** Protects the output drivers against wiring errors.
* **ESD Protection:** Built-in safeguards against electrostatic discharge.
---
### 3. Connection and Wiring
The device typically utilizes a M12 or MS-style connector. The standard wiring logic for a differential output is as follows:
```text
Pin/Wire Color | Function
---------------|----------
Red | Vcc (Supply Voltage 5-28V)
Black | Common (Ground)
White | Channel A
Green | Channel B
Yellow | Channel Z (Index)
Blue/Others | Complementary Channels (A', B', Z')
Drain/Shield | Case Ground
```
---
### 4. Environmental & Mechanical Integration
* **IP Rating:** IP67 (Dust tight and water immersion resistant).
* **Construction:** Anodized aluminum housing with a stainless steel shaft.
* **Bearings:** Dual-loaded bearings to handle high radial and axial loads.
- ⤷
How do I use the X-PROG tool to change the resolution of this encoder?
- ⤷ What is the maximum frequency response for the R2 output circuit?
- ⤷ Can this encoder be used in hazardous locations (ATEX/IECEx)?