Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • XR1016

  • AI
    The **XR1016** is a high-performance, low-power instrumentation amplifier or sensor interface integrated circuit (IC), often used in precision signal conditioning applications. It is part of a family of chips designed to bridge the gap between raw sensor data and microcontrollers. --- ## 1. Key Technical Specifications The XR1016 is designed for stability and accuracy. Below are the primary electronic characteristics typically found in this series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 2.7 to 5.5 | Volts | | **Quiescent Current** | < 500 | µA | | **Gain Range** | 1 to 1000 | (Programmable/Resistor) | | **Input Offset Voltage** | < 50 | µV | | **CMRR** | > 100 | dB | | **Bandwidth** | 1 - 5 | MHz | --- ## 2. Main Electronic Components & Pinout The XR1016 internal architecture consists of several critical stages: ### A. Input Differential Stage Uses high-impedance CMOS or Bipolar inputs to ensure minimal loading on the sensor. This stage is responsible for the high **Common Mode Rejection Ratio (CMRR)**, which cancels out noise present on both input lines. ### B. Gain Setting The gain is usually determined by an external resistor ($R_G$) connected between specific pins. - **Formula:** $Gain = 1 + \frac{K}{R_G}$ (where K is a constant internal to the IC). ### C. Output Buffer A low-impedance output stage that allows the chip to drive Analog-to-Digital Converters (ADCs) directly without signal degradation. --- ## 3. Typical Application Circuit In a standard electronic setup, the XR1016 is integrated as follows: ```mermaid graph LR A[Sensor/Bridge] --> B{XR1016} C[Gain Resistor] -.-> B B --> D[Low Pass Filter] D --> E[ADC / MCU] ``` ### Components required for operation: 1. **Decoupling Capacitors:** Usually 0.1µF and 10µF placed close to the $V_{cc}$ pin to filter power supply noise. 2. **Gain Resistor ($R_G$):** A precision metal-film resistor to ensure gain stability over temperature. 3. **Reference Pin ($REF$):** Often connected to Ground or a mid-supply voltage to "level-shift" the output signal. --- ## 4. Common Use Cases * **Weight Scales:** Amplifying signals from Load Cells (Strain Gauges). * **Medical Instrumentation:** ECG or EMG signal conditioning where tiny biological signals need amplification. * **Industrial Process Control:** 4-20mA current loop transmitters and thermocouple amplifiers. * **Battery Monitoring:** Sensing small voltage drops across shunt resistors.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin configuration for the XR1016 package?
    • ⤷ How do I calculate the gain resistor value for a 100x amplification?
    • ⤷ What are the main competitors to the XR1016 in precision sensing?