XT09-4II-R-NA
AI

The **XT09-4II-R-NA** is an industrial-grade wireless radio modem manufactured by Digi International (formerly MaxStream). It belongs to the **XTend** family of 900MHz frequency-hopping spread spectrum (FHSS) modules.
Below is a breakdown of the electronic components, specifications, and features of this specific part.
---
### 1. General Specifications
The XT09-4II-R-NA is designed for long-range, robust data transmission in environments where interference is high.
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 902 - 928 MHz (ISM Band) |
| **Communication Type** | FHSS (Frequency Hopping Spread Spectrum) |
| **Indoor Range** | Up to 3,000 feet (900 m) |
| **Outdoor/Line-of-Sight Range** | Up to 40 miles (64 km) with high-gain antenna |
| **RF Data Rate** | 9.6 kbps or 115.2 kbps |
| **Interface** | RS-232 / RS-485 (Depending on enclosure/baseboard) |
| **Regulatory** | FCC (USA), IC (Canada) - "NA" suffix stands for North America |
---
### 2. Electronic Hardware Components
The device is a self-contained radio system. Key internal components include:
#### A. The RF Transceiver Core
At the heart of the device is a powerful 900 MHz transceiver capable of putting out up to **1 Watt (30 dBm)** of power.
* **FHSS Engine:** Unlike fixed-frequency radios, this jumps across 50+ channels to avoid jamming and interference.
* **Sensitivity:** High receiver sensitivity (typically -110 dBm at 9.6 kbps) allows it to pick up very weak signals over long distances.
#### B. The "4II" Configuration
The part number suffix `4II` typically denotes specific interface and housing characteristics:
* **Interface:** Serial communication support (RS-232/422/485).
* **Power Supply:** Built-in voltage regulation allowing for wide input ranges (typically 7V to 28V DC).
#### C. Connectivity Ports
* **Antenna Port:** Usually features an **RPSMA** (Reverse Polarity SMA) connector for external antennas.
* **Data Port:** A DB-9 or similar connector for serial data input/output.
---
### 3. Key Electronic Features
1. **Low Power Modes:** Includes "Sleep" modes to conserve power for remote sites running on solar or batteries.
2. **Addressing:** Supports peer-to-peer, point-to-point, and point-to-multipoint topologies.
3. **Error Correction:** Uses 24-bit CRC (Cyclic Redundancy Check) to ensure data integrity over the air.
4. **Signal Strength (RSSI):** Provides Received Signal Strength Indicator values to the host system for diagnostic monitoring.
---
### 4. Application Context
Because this module operates in the 900MHz band, it penetrates walls and foliage much better than 2.4GHz (Wi-Fi/Bluetooth) systems. It is commonly found in:
* SCADA (Supervisory Control and Data Acquisition).
* Remote tank level monitoring.
* Agricultural irrigation control.
* Unmanned Aerial Vehicles (UAV) telemetry.
- ⤷
What are the power consumption requirements for this module in transmit mode?
- ⤷ How do I configure the XT09-4II-R-NA using XCTU software?
- ⤷ What is the difference between the RS-232 and RS-485 versions of this modem?