Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • Y-CONC-R40CU-RJ6P-2000-B

  • AI
    Based on the part number nomenclature, the **Y-CONC-R40CU-RJ6P-2000-B** refers to a high-speed, industrial-grade **Y-Con** series cable assembly, typically manufactured by **Yamaichi Electronics**. These components are widely used in industrial Ethernet (Profinet/EtherCAT) environments. --- ## 1. Technical Specifications Breakdowns The part number can be decoded into its functional electronic and mechanical characteristics: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **Y-CON** | Series Family | Yamaichi Industrial Ethernet Connector System. | | **C-R40** | Connector Type | Represents a specific RJ45 industrial plug (often with IP20 or IP67 ratings). | | **CU** | Cable Material | Indicates **Copper** conductors (likely shielded twisted pair). | | **RJ6P** | Wiring/Pinout | RJ45 configuration with 6 pins/positions populated (often for specific power-over-Ethernet or industrial signal protocols). | | **2000** | Length | **2000mm** (2 Meters) total cable length. | | **B** | Revision/Variant | Specific design revision or custom shielding/color designation. | --- ## 2. Key Electronic Components ### A. Integrated PCB (Inside the Plug) Unlike standard consumer RJ45 connectors, the Y-Con series often features a small **internal PCB** within the connector housing. This provides: * **Signal Integrity:** Controlled impedance for high-speed data transmission. * **Power Integration:** Optional integrated power contacts (2 additional pins) to deliver DC power alongside 10/100 Mbit/s Ethernet. ### B. Shielding and EMI Protection * **360° Shielding:** The connector uses a metal shell to ensure ground continuity. * **Cable Construction:** The "CU" designation implies a shielded cable (S/FTP or SF/UTP) to prevent electromagnetic interference in factory environments near heavy machinery. ### C. Mechanical Durability * **Vibration Resistance:** Designed to handle high-vibration environments that would cause standard RJ45 clips to fail. * **Mating Cycles:** Rated for high insertion/extraction cycles compared to standard office-grade parts. --- ## 3. Typical Applications These parts are used in specialized electronic control systems including: 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs. 2. **Robotics:** End-of-arm tooling communication where flexibility and noise immunity are required. 3. **Machine Vision:** High-speed data transfer from industrial cameras to processing units. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout configurations for the 6P version compared to standard 8P8C?
    • ⤷ Is this cable assembly rated for IP67 (waterproof) or IP20 (indoor) use?
    • ⤷ What is the maximum data transfer speed supported by the Y-CONC-R40CU series?