YB215CWCKW01-6B-JB
AI

The **YB215CWCKW01-6B-JB** is a high-quality, panel-mounted push-button switch manufactured by **NKK Switches**. It belongs to the YB series, which is known for its modular design, tactile feedback, and diverse illumination options.
### 1. Part Number Breakdown
Understanding the specific electronic and mechanical properties requires decoding the manufacturer's suffix system:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | YB | Standard YB Series Pushbutton |
| **Actuator** | 2 | Square Shape (Standard) |
| **Circuit** | 15 | SPDT (Single Pole Double Throw) |
| **Function** | CW | ON-(ON) Momentary Action |
| **Sealing** | CK | CULus Recognized / IP65 Rated (Dust/Water resistant) |
| **Contact Material** | W | Silver Contacts (Power rated) |
| **Terminals** | 01 | Solder Lug Terminals |
| **Illumination** | 6B | White High Brightness LED (6V) |
| **Cap/Lens Color** | JB | Clear Lens with White Insert |
---
### 2. Key Electronic Specifications
This component is designed for both signal-level and power-level switching.
* **Electrical Capacity:** 3A @ 125V AC or 3A @ 250V AC.
* **Contact Resistance:** 50 milliohms maximum.
* **Insulation Resistance:** 200 megohms minimum @ 500V DC.
* **Dielectric Strength:** 1,000V AC minimum between contacts for one minute.
* **LED Voltage:** Typically requires a forward voltage (Vf) of approximately 2V to 3.5V depending on the resistor configuration, but the "6B" indicates an internal resistor for 6V DC operation.
---
### 3. Mechanical & Environmental Features
The "CWCK" designation indicates this part is built for harsher environments compared to standard indoor switches.
* **Ingress Protection:** **IP65 Rated**. This means the front panel is protected against dust and low-pressure water jets (splash-proof).
* **Operating Force:** 1.5 Newtons (provides a crisp tactile "click").
* **Mechanical Life:** 1,000,000 operations minimum.
* **Mounting Type:** Panel mount with a D-flat bush to prevent rotation.
---
### 4. Circuit Diagram (SPDT)
The switch operates as a Single Pole Double Throw (SPDT) with momentary action.
```text
Terminal 1 (NC) ----|
|---- Common (Terminal 2)
Terminal 3 (NO) ----|
* LED Terminals are separate (Anode/Cathode)
```
---
- ⤷
What is the difference between 'Momentary' and 'Maintained' action in this series?
- ⤷ How do I calculate the external resistor value if I want to use this with a 12V or 24V power supply?
- ⤷ Is this switch available with Gold contacts for low-voltage logic circuits?