YB215CWCPG01-5F-JS
AI

The **YB215CWCPG01-5F-JS** is a high-quality, panel-mounted push-button switch manufactured by **NKK Switches**. It belongs to the YB2 series, specifically designed as a tamper-resistant, splash-proof, and illuminated control component.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-ON (Maintained/Latching) |
| **Current Rating** | 3A @ 125V AC / 3A @ 250V AC |
| **Voltage Rating** | 30V DC |
| **Illumination** | Green LED (5F) |
| **Cap Color/Material** | Clear Lens with White Filter / Polycarbonate |
| **Mounting Type** | Panel Mount, Front Square (Bush Mount) |
| **Ingress Protection** | IP65 (Dust tight and water jet resistant) |
| **Termination Style** | Solder Lug |
---
### 2. Detailed Part Breakdown
The part number can be decoded into several functional sections:
#### A. Mechanical Operation (YB215)
This indicates a **DPDT circuit** with a **latching (maintained)** mechanism. When pushed, the button stays in the depressed position until pushed again to release.
#### B. Sealing & Protection (CW)
The "CW" designation indicates that the switch is **Power Rated and Splash-proof**. It includes internal O-rings and a seal that meets **IP65 standards**, making it suitable for environments where moisture or dust is present.
#### C. Contacts & Plating (CP)
* **C**: Silver contacts with gold flash (good for both power and low-level logic signals).
* **P**: Indicates a rectangular or square body style with specific terminal orientations.
#### D. Illumination (5F)
This refers to the **Green LED**. The "5" typically denotes the LED brightness or voltage series, and "F" is the color code for Green.
#### E. Cap and Filter (JS)
* **J**: Clear Cap.
* **S**: White Filter. This combination ensures that the Green LED light is diffused evenly across the surface of the button.
---
### 3. Application Use Cases
Due to its rugged construction and DPDT configuration, this switch is commonly used in:
* **Industrial Control Panels:** Controlling dual circuits simultaneously.
* **Medical Equipment:** High-reliability requirements and easy-to-clean surfaces.
* **Communication Equipment:** Status indication via the integrated LED.
* **Transportation:** Dashboard controls requiring splash resistance.
---
- ⤷
What is the difference between DPDT and SPDT in these switches?
- ⤷ How do I calculate the resistor needed for the 5F Green LED?
- ⤷ What is the recommended panel cutout size for the YB2 series?