Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • YT776-R

  • AI
    The **YT776-R** is primarily identified as a high-performance **2.4GHz RF (Radio Frequency) Transceiver module**, often utilized in wireless data transmission, remote control systems, and smart home automation. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The module is designed for low-power consumption and reliable short-range communication. | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 2.400 GHz to 2.4835 GHz (ISM Band) | | **Operating Voltage** | 1.9V to 3.6V DC | | **Data Rate** | Up to 2 Mbps | | **Modulation Type** | GFSK (Gaussian Frequency Shift Keying) | | **Output Power** | Programmable (typically up to +4 dBm or +7 dBm depending on version) | | **Sensitivity** | -85 dBm @ 1Mbps | --- ## 2. Pin Configuration and Interface The YT776-R typically uses a standard header interface to communicate with microcontrollers (MCU) like Arduino, STM32, or ESP32. ### Pinout Table | Pin Name | Type | Description | | :--- | :--- | :--- | | **VCC** | Power | 3.3V Input (Do not exceed 3.6V) | | **GND** | Power | Ground | | **CSN / SS** | Input | SPI Chip Select (Active Low) | | **SCK** | Input | SPI Clock | | **MOSI** | Input | SPI Master Out Slave In | | **MISO** | Output | SPI Master In Slave Out | | **IRQ** | Output | Interrupt Request Pin (Signals data received/sent) | | **CE** | Input | Chip Enable (Activates RX or TX mode) | --- ## 3. Key Electronic Features ### A. Integrated Antenna Most YT776-R modules come with a **PCB Trace Antenna**. This eliminates the need for an external wire antenna for standard indoor distances (approx. 10–30 meters), though range decreases significantly behind thick walls. ### B. SPI Communication The part operates as an SPI slave. This allows for high-speed configuration of registers, such as: * Channel frequency selection (to avoid interference with Wi-Fi). * Address matching (ensuring data goes to the correct receiver). * Payload length definition. ### C. Low Power Management It features a "Power Down" mode where current consumption drops to the micro-ampere ($\mu A$) range, making it ideal for battery-powered IoT sensors. --- ## 4. Typical Application Circuit When integrating the YT776-R, it is recommended to place a decoupling capacitor close to the VCC pin to filter out noise from the power supply. ```cpp // Example: Basic SPI Initialization Logic (Pseudocode) void setup_YT776() { SPI.begin(); pinMode(CE_PIN, OUTPUT); pinMode(CSN_PIN, OUTPUT); digitalWrite(CSN_PIN, LOW); // Send configuration commands to registers SPI.transfer(W_REGISTER | RF_SETUP); SPI.transfer(0x0F); // Set 2Mbps, 0dBm output digitalWrite(CSN_PIN, HIGH); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the YT776-R in an open field?
    • ⤷ Can the YT776-R communicate directly with a smartphone's Bluetooth?
    • ⤷ What is the recommended value for the decoupling capacitor on the VCC pin?