YVD-6-R
AI

The **YVD-6-R** is an electronic component primarily classified as a **Gas Discharge Tube (GDT)** or a specialized surge arrester/spark gap device. These components are designed to protect sensitive electronic equipment from voltage transients, such as lightning strikes or industrial power surges.
---
### 1. Technical Specifications
The "YVD" series usually refers to high-voltage or high-reliability gas discharge tubes. Below are the typical characteristics associated with this part:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Gas Discharge Tube (GDT) / Surge Arrester |
| **DC Spark-over Voltage** | Usually indicates the breakdown voltage (e.g., 600V or 6kV depending on the specific series range) |
| **Tolerance** | Typically $\pm$15% to $\pm$20% |
| **Impulse Discharge Current** | Capacity to shunt high current (kiloamps) to ground |
| **Insulation Resistance** | High (Gigaohms range) before activation |
| **Capacitance** | Very low (typically < 1pF), making it suitable for high-frequency lines |
---
### 2. Internal Construction
The YVD-6-R consists of several critical internal elements:
* **Ceramic Envelope:** A high-strength ceramic body that insulates the two electrodes and contains the specialized gas mix.
* **Gas Mixture:** Filled with a specific inert gas (often containing trace amounts of radioactive isotopes in older versions to stabilize ionization) that ionizes at a specific voltage.
* **Electrodes:** Made of specialized alloys designed to withstand the heat of an electric arc without melting or fusing.
* **Plating:** The "R" in the suffix often denotes **RoHS compliance** (lead-free) or a specific lead/terminal plating (like Tin).
---
### 3. Functional Operation
The device acts as a voltage-sensitive switch:
1. **Off State:** Under normal operating voltages, the gas acts as an insulator. The device has extremely high impedance and virtually no leakage current.
2. **Ionization:** When a high-voltage spike hits the terminal, the gas inside ionizes, becoming a conductor.
3. **Arcing (Crowbar Effect):** The tube "fires," creating a low-impedance path to ground, effectively short-circuiting the surge away from the protected circuit.
4. **Extinguishing:** Once the voltage drops below the "holdover" level, the gas de-ionizes and the device returns to its insulating state.
---
### 4. Typical Applications
* **Telecommunications:** Protecting phone lines and modems from lightning.
* **Power Supplies:** Input protection for industrial SMPS.
* **Antenna Systems:** Preventing static buildup and atmospheric discharge from damaging transceivers.
* **Medical Equipment:** High-voltage isolation and protection.
---
- ⤷
What is the exact DC spark-over voltage for the '6' series in this model?
- ⤷ How does a GDT compare to a MOV (Metal Oxide Varistor) in terms of response time?
- ⤷ What is the mounting type for the YVD-6-R (Through-hole vs Surface Mount)?