AI

## Technical Overview: Z0803606LED (Z8036 Z-CIO)
The **Z0803606LED** is a specific variant of the Zilog **Z8036 Z-CIO** (Counter/Timer and Parallel I/O) integrated circuit. It is a versatile peripheral device designed to provide input/output capabilities and timing functions for 8-bit and 16-bit microprocessor systems, specifically optimized for the Z-BUS architecture.
---
### 1. Part Number Breakdown
Understanding the suffix and prefix is crucial for identifying its physical and electrical characteristics:
| Part Segment | Meaning |
| :--- | :--- |
| **Z08036** | The base model number for the Z-CIO (Counter/Timer and Parallel I/O). |
| **06** | **Clock Speed:** 6 MHz maximum operating frequency. |
| **L** | **Package Type:** PLCC (Plastic Leaded Chip Carrier). |
| **E** | **Temperature Range:** Extended temperature (-40°C to +100°C). |
| **D** | **Environmental:** Often denotes Lead-Free/RoHS compliance (standard in newer Zilog parts). |
---
### 2. Key Internal Components
The Z8036 acts as a "Swiss Army Knife" for I/O interfacing. It contains three main functional blocks:
#### A. Parallel I/O Ports
* **Two 8-bit Ports (Port A and B):** Can be configured as input, output, or bidirectional. They include handshake lines for asynchronous data transfers.
* **One 4-bit Port (Port C):** Usually serves as a handshake control for Ports A and B or as general-purpose I/O.
#### B. Counter/Timer Channels
* Contains **three 16-bit counter/timers**.
* Each counter has its own external clock input, gate input, and output.
* Supports various modes: retriggerable, one-shot, and square wave generation.
#### C. Interrupt Logic
* Features a sophisticated interrupt structure common to Zilog parts (Z-BUS).
* Supports **Interrupt Vectoring**, allowing the CPU to jump directly to the service routine for a specific I/O event.
---
### 3. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 5V ± 5% |
| **Max Clock Frequency** | 6 MHz |
| **I/O Pins** | 20 Programmable I/O lines |
| **Counters** | Three 16-bit units |
| **Bus Interface** | Z-BUS (Multiplexed Address/Data) |
| **Package** | 44-pin PLCC |
---
### 4. Typical Applications
The Z0803606LED is commonly found in legacy industrial controllers and embedded systems that require:
1. **Event Counting:** Counting external pulses (e.g., from an optical encoder).
2. **Frequency Generation:** Creating precise PWM signals or baud rate clocks.
3. **Complex Interfacing:** Connecting a Z80, Z8000, or similar CPU to keyboards, printers, or sensors.
---
### 5. Programming Interface
To use the Z-CIO, you must interact with its internal registers. The programming model includes:
* **Direct Register Access:** Using the multiplexed address/data bus.
* **Mode Specification Registers:** Used to define if a port is bit-programmable or handshaked.
* **Command/Status Registers:** Used to start/stop timers or check the status of I/O lines.
- ⤷
What are the main differences between the Z8036 CIO and the Z8536 CIO?
- ⤷ Can the Z0803606LED be used with non-Zilog microprocessors like the Intel 8051?
- ⤷ How do I configure the 16-bit counters for PWM generation?