Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • Z201250R00BB

  • AI
    The **Z201250R00BB** is a high-precision, ultra-stable Bulk Metal® Foil resistor part of the **Z-Series** manufactured by **Vishay Foil Resistors** (now under the VPG brand). These components are designed for applications where accuracy and temperature stability are critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Characteristic | Value / Description | | :--- | :--- | | **Resistor Series** | Z-Series (Z-Foil) | | **Resistance Value** | 250 $\Omega$ (indicated by "250R00") | | **Tolerance** | ±0.1% (indicated by "B") | | **Temperature Coefficient (TCR)** | ±0.2 ppm/°C (Typical) | | **Power Rating** | 0.6 Watts at 70°C | | **Package Type** | Radial Lead (Through-hole) | --- ### 2. Key Technologies The Z201 series utilizes **Bulk Metal Foil** technology, which differentiates it from standard thin-film or thick-film resistors: * **TCR (Temperature Coefficient of Resistance):** It offers an extremely low TCR. This means the resistance value remains nearly constant even as the surrounding temperature changes. * **Load Life Stability:** It maintains its resistance value over long periods of use, typically within ±0.005% after 2,000 hours. * **Thermal EMF:** It produces minimal "noise" voltage caused by temperature gradients across the leads, essential for low-level DC signals. * **Non-Inductive/Non-Capacitive:** The design minimizes parasitic inductance and capacitance, making it suitable for high-speed signal processing. --- ### 3. Application Use Cases Due to its high cost and extreme precision, the Z201250R00BB is typically used in specialized equipment: 1. **Metrology & Calibration:** Used as a reference standard in laboratory-grade measuring instruments. 2. **Medical Instrumentation:** Found in high-resolution imaging (MRI) and precision scanning equipment. 3. **Aerospace & Defense:** Integrated into guidance systems and satellite communications where environmental stability is required. 4. **Audio High-End:** Used in premium audio circuitry to prevent signal distortion caused by thermal noise. --- ### 4. Comparison Table | Feature | Standard Metal Film | Z201 Foil Resistor | | :--- | :--- | :--- | | **TCR (-55°C to +125°C)** | ±25 to ±100 ppm/°C | ±0.2 ppm/°C | | **Tolerance** | ±1% to ±5% | ±0.005% to ±0.1% | | **Stability (Shelf Life)** | Moderate | Exceptional | | **Price** | Low ($) | High ($$$) |
    ✨ Follow-up Questions
    • ⤷ What do the individual characters in the part number Z201250R00BB signify?
    • ⤷ How does Bulk Metal Foil technology compare to Thin Film resistors in terms of noise?
    • ⤷ What are the mounting recommendations for radial lead foil resistors to maintain accuracy?