Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • Z2JS

  • AI
    ## Electronic Components of the Z2JS (Rexroth Pressure Relief Valve) The **Z2JS** is a pilot-operated check valve in sandwich plate design, manufactured by Bosch Rexroth. While the valve itself is primarily **mechanical and hydraulic**, it is often integrated into systems with electronic control elements. Below is an overview of the electronic parts and systems typically associated with the operation and monitoring of the Z2JS series. --- ### 1. Electronic Integration Components While the Z2JS is a passive hydraulic component, it interacts with the following electronic parts in a complete hydraulic circuit: | Component Type | Part/Function | Description | | :--- | :--- | :--- | | **Sensors** | Pressure Transducers | Used to monitor the pressure drops across the Z2JS to ensure the pilot pressure is sufficient to open the valve. | | **Control Unit** | PLC / Electronic Control Card | Sends signals to the primary directional valve, which in turn determines the flow through the Z2JS. | | **Feedback** | Limit Switches | In specialized versions, proximity sensors may be mounted to monitor the spool position (though rare for standard sandwich plates). | --- ### 2. Operational Logic (Electro-Hydraulic) The "electronic" aspect of the Z2JS is mostly found in the **Pilot Control**. The Z2JS allows flow from A1 to A2 (or B1 to B2) while blocking the return flow unless a pilot pressure is applied. 1. **Solenoid Signal:** The PLC sends a current to the **Directional Valve** solenoid. 2. **Hydraulic Pilot:** The directional valve shifts, sending pressurized oil to the pilot port of the Z2JS. 3. **Mechanical Action:** The electronic signal is converted into hydraulic force, which overcomes the internal spring of the Z2JS to allow flow. --- ### 3. Technical Specifications (Electrical Context) If you are integrating the Z2JS into an automated system, the following data points are relevant for your electronic control logic: ```yaml Control_Parameters: Pilot_Ratio: "Standard 1:3 or 1:9 (defines signal strength required)" Response_Time: "Dependent on Pilot Valve solenoid speed (approx. 20-50ms)" Media_Monitoring: "Requires electronic oil temperature and viscosity sensors for precision" ``` --- ### Summary of System Layout * **Input:** Electrical signal from PLC. * **Actuator:** Solenoid on a Directional Valve (e.g., WE6 or WE10). * **Execution:** Z2JS Valve (Hydraulic locking/unlocking). * **Monitoring:** Pressure switches or transducers. ---
    ✨ Follow-up Questions
    • ⤷ What are the different pilot ratios available for the Z2JS series?
    • ⤷ How do you troubleshoot a Z2JS valve that fails to open despite an electronic signal?
    • ⤷ Can the Z2JS be used in safety-related control systems (ISO 13849)?