ZD15-AE3-R
AI

The **ZD15-AE3-R** is a specific electronic component, typically categorized as a **Zener Diode**. These components are widely used in power management and signal processing for voltage regulation and circuit protection.
### 1. General Specifications
The part number follows standard industry naming conventions for Surface Mount Devices (SMD). Below are the typical technical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Zener Diode |
| **Nominal Zener Voltage ($V_z$)** | 15V |
| **Package Type** | SOT-23 (Small Outline Transistor) |
| **Power Dissipation ($P_d$)** | 200mW - 300mW (approximate) |
| **Configuration** | Single Diode |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Features
* **Voltage Regulation:** The primary function is to maintain a constant voltage of **15V** across its terminals when biased in the reverse-breakdown region.
* **Surface Mount Design:** The "AE3" suffix often refers to the **SOT-23** package, which is ideal for high-density automated PCB assembly.
* **Tape and Reel Packaging:** The "R" suffix indicates that the parts are supplied on a reel for use in Pick-and-Place machines.
---
### 3. Pinout Configuration (SOT-23)
The SOT-23 package has 3 pins, but since a Zener diode is a two-terminal device, the internal wiring usually follows one of these two patterns:
1. **Pin 1:** Anode
2. **Pin 3:** Cathode
3. **Pin 2:** No Connection (NC) or redundant Cathode.
> *Note: Always verify the specific manufacturer's datasheet (e.g., UTC - Unisonic Technologies) to confirm the pin mapping.*
---
### 4. Typical Applications
* **Voltage Clamping:** Protects sensitive IC inputs from voltage spikes exceeding 15V.
* **Reference Voltage:** Provides a stable 15V reference for analog circuits and operational amplifiers.
* **Shunt Regulator:** Used in low-current power supplies to maintain a fixed output voltage.
---
### 5. Circuit Symbol
In a schematic, the Zener diode is represented as a standard diode symbol but with "bent" lines on the cathode bar:
```text
Cathode (K)
|
/ \ <-- Zener Bar
/ \
-------
|
Anode (A)
```
- ⤷
What is the maximum current rating for the ZD15-AE3-R?
- ⤷ Can you provide a circuit diagram example for a 15V shunt regulator?
- ⤷ What are the common alternatives or equivalents for this Zener diode?