ZD2.5L-CL2-R
AI

Based on the part number **ZD2.5L-CL2-R**, this component is typically identified as a **Zener Diode** or a specific **Transient Voltage Suppressor (TVS)** diode, often used in circuit protection.
The nomenclature usually breaks down into technical specifications regarding voltage, packaging, and polarity.
---
### 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Zener Voltage ($V_z$)** | 2.5V | The nominal voltage at which the diode begins to conduct in reverse bias. |
| **Power Dissipation** | ~200mW - 500mW | Varies by package; typical for small-signal surface mount components. |
| **Configuration** | Single / Unidirectional | Standard diode flow or specific clamping direction. |
| **Packaging** | SOD / SOT Series | Usually found in ultra-small surface-mount packages (e.g., SOD-323 or SOD-523). |
| **RoHS Status** | Compliant | The "-R" suffix usually denotes RoHS compliance and Lead-Free. |
---
### 2. Part Number Breakdown
* **ZD**: Stands for **Zener Diode**.
* **2.5L**: Indicates the **2.5 Volt** rating. The "L" often signifies low-leakage or a specific tolerance grade.
* **CL2**: Refers to the internal manufacturer code for **Case Style** or specific clamping characteristics.
* **-R**: Typically indicates **Tape & Reel** packaging for automated assembly and **RoHS** compliance.
---
### 3. Key Functions and Applications
This part is primarily used for **Voltage Regulation** and **Circuit Protection**:
1. **Voltage Referencing**: Providing a stable 2.5V reference point for analog-to-digital converters (ADCs) or operational amplifiers.
2. **Overvoltage Protection**: Acting as a "clamp" to prevent sensitive low-voltage microprocessors (which often run on 1.8V or 2.5V rails) from being damaged by voltage spikes.
3. **Signal Clipping**: Preventing signals from exceeding a specific threshold in communication lines.
---
### 4. Circuit Diagram Representation
In a schematic, the component is represented by the standard Zener symbol:
```text
(Anode) | /| (Cathode)
-----------|< |-----------
| \|
```
*When the voltage at the Cathode exceeds 2.5V relative to the Anode, the diode conducts to ground, protecting the rest of the circuit.*
---
- ⤷
What is the maximum surge current (Ipp) for this specific diode series?
- ⤷ Can this diode be used for ESD protection on high-speed data lines?
- ⤷ What are the equivalent alternative part numbers for the ZD2.5L?