ZD24L-AE3-R
AI

The **ZD24L-AE3-R** is a specific electronic component, typically categorized as a **Zener Diode**. It is designed to provide voltage regulation and protection within electronic circuits.
Below is a detailed breakdown of its specifications, packaging, and typical applications.
---
### 1. General Specifications
Based on the standard nomenclature for this part number (often associated with manufacturers like UTC - Unisonic Technologies), here are the technical characteristics:
| Parameter | Typical Value / Description |
|:---|:---|
| **Component Type** | Zener Diode |
| **Zener Voltage ($V_z$)** | 24V (Nominal) |
| **Power Dissipation ($P_d$)** | Approximately 200mW to 300mW (depending on package) |
| **Package Type** | SOT-23 |
| **Configuration** | Single |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Status** | Lead-Free / Halogen Free (indicated by suffix -R) |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps in identifying the exact variant:
* **ZD**: Stands for **Zener Diode**.
* **24**: Indicates the **Zener Voltage** (24 Volts).
* **L**: Often denotes "Low leakage" or a specific tolerance class.
* **AE3**: Refers to the **Package Code** (standard UTC code for SOT-23).
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
---
### 3. Key Functions
The ZD24L-AE3-R serves two primary roles in a circuit:
1. **Voltage Regulation**: It maintains a fixed output voltage of 24V across its terminals despite fluctuations in the input voltage or load current.
2. **Overvoltage Protection**: It acts as a "clamp." If the voltage exceeds 24V, the diode begins to conduct heavily, shunting the excess current to the ground to protect sensitive downstream components.
---
### 4. Typical Applications
* **Power Supplies**: Used in the feedback loop to stabilize DC rails.
* **Communication Equipment**: Protecting data lines from voltage spikes.
* **Industrial Control**: Ensuring sensors receive a steady voltage.
* **MOSFET Gate Protection**: Limiting the gate-to-source voltage to prevent oxide breakdown.
---
### 5. Symbol and Pinout (SOT-23)
In a standard SOT-23 package for a single Zener diode, the pinout is usually:
* **Pin 1**: Anode (or No Connection depending on internal layout)
* **Pin 2**: No Connection (or Anode)
* **Pin 3**: Cathode (The side with the "bar" in the symbol)
- ⤷
What are the maximum current ratings (Izm) for the ZD24L-AE3-R?
- ⤷ Can this component be replaced by a standard 24V BZX84C24 diode?
- ⤷ What is the thermal resistance of the SOT-23 package for this specific part?