ZD3.9-AE3-R
AI

The **ZD3.9-AE3-R** is a specific surface-mount Zener Diode. These components are primarily used for voltage regulation and protection within electronic circuits.
### 1. General Specifications
Based on the part numbering convention (common for manufacturers like Unisonic Technologies - UTC), here are the technical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Zener Voltage ($V_z$)** | 3.9V | The nominal voltage at which the diode begins to conduct in reverse. |
| **Package Type** | SOT-23 | Small Outline Transistor; a 3-lead surface mount package. |
| **Power Dissipation ($P_d$)** | 200mW - 300mW | The maximum power the device can dissipate without damage. |
| **Tolerance** | $\pm$5% (Standard) | The allowable deviation from the nominal 3.9V rating. |
| **Configuration** | Single | One Zener diode per package. |
---
### 2. Pinout Configuration (SOT-23)
While the SOT-23 has three pins, a single Zener diode typically uses only two of them.
* **Pin 1:** Usually No Connection (NC) or Anode.
* **Pin 2:** Usually No Connection (NC) or Anode.
* **Pin 3:** Cathode.
*(Note: Always verify with the specific manufacturer datasheet as internal wiring can vary slightly between "AE3" variants.)*
---
### 3. Key Functions in a Circuit
The ZD3.9-AE3-R is utilized in the following ways:
1. **Voltage Regulation:** It maintains a steady 3.9V output for low-power logic circuits even if the input voltage fluctuates.
2. **Overvoltage Protection:** It acts as a "clamp" to prevent sensitive components (like microcontrollers) from seeing voltages higher than 3.9V.
3. **Voltage Referencing:** Used in analog-to-digital converters (ADC) to provide a stable reference point.
---
### 4. Part Number Breakdown
The suffixing usually follows this logic:
* **ZD**: Zener Diode.
* **3.9**: 3.9 Volts.
* **AE3**: UTC's package code for **SOT-23**.
* **R**: Tape & Reel packaging (for automated pick-and-place assembly).
- ⤷
What is the maximum current this diode can handle at 3.9V?
- ⤷ Can this diode be used for ESD protection on data lines?
- ⤷ What are the common alternatives to the SOT-23 package for this Zener voltage?