Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ZD3.9-CL2-R

  • AI
    The **ZD3.9-CL2-R** is a specific surface-mount Zener Diode. Below is a detailed breakdown of its electronic characteristics, naming conventions, and typical applications. --- ## 1. Technical Specifications The part number typically corresponds to a 3.9V Zener diode in a small-signal package. | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 3.9V | The voltage at which the diode begins to conduct in reverse bias. | | **Power Dissipation ($P_d$)** | 200mW - 500mW | Depends on the specific package (usually SOD-323 or SOT-23). | | **Tolerance** | ±2% to ±5% | Indicates the precision of the Zener voltage. | | **Package Type** | SMD (Surface Mount) | Often "CL" refers to a leadless or compact chip scale. | | **Configuration** | Single | One diode per component. | --- ## 2. Part Number Breakdown While naming conventions vary by manufacturer (such as ROHM, Diodes Inc, or Panjit), the code usually breaks down as follows: * **ZD**: Stands for **Zener Diode**. * **3.9**: Indicates the nominal Zener voltage of **3.9 Volts**. * **CL2**: Often refers to the internal classification or the specific **package/case style** (e.g., a variation of the SOD-323 or 0805 footprint). * **R**: Generally signifies **Taping & Reel** packaging for automated pick-and-place assembly. --- ## 3. Key Electronic Functions The Zener diode operates in the "breakdown" region to maintain a constant voltage. ### Voltage Regulation In a circuit, the ZD3.9-CL2-R is used to provide a stable reference voltage of 3.9V, even if the input voltage or load current fluctuates. ### Overvoltage Protection It acts as a "clamp." If the voltage in a circuit line exceeds 3.9V, the diode conducts the excess current to the ground, protecting sensitive downstream components (like ICs or Microcontrollers). --- ## 4. Typical Application Circuit To use this part safely, it is usually placed in parallel with the load and in series with a current-limiting resistor ($R_s$). ```text Input (Vin) ----[ Rs ]----+---- Output (3.9V) | [ZD] (Zener Diode) | Ground ``` --- ## 5. Typical Use Cases * **Mobile Devices:** Battery charging protection. * **Logic Level Shifting:** Clipping signals to 3.9V logic levels. * **Voltage Referencing:** Providing a steady reference for Analog-to-Digital Converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this diode can handle before failing?
    • ⤷ Can this diode be used for rectifying AC to DC?
    • ⤷ What is the equivalent through-hole part number for a 3.9V Zener?