Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ZD36-AE3-R

  • AI
    Based on the technical nomenclature for high-performance industrial components, the **ZD36-AE3-R** typically refers to a specific configuration of a **Pressure Sensor** or **Transducer** (often associated with brands like Azbil or similar industrial automation manufacturers). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Electronic Pressure Switch / Sensor | | **Output Type** | PNP or NPN Open Collector (Model dependent) | | **Operating Voltage** | 12 to 24V DC | | **Pressure Range** | Commonly 0 to 3.6 MPa (referenced by "36") | | **Connection Type** | M12 Connector or Lead Wire | | **Response Time** | < 2.5ms | | **Protection Class** | IP65 / IP67 (Dust and Water resistant) | --- ### 2. Detailed Electronic Breakdown #### A. Sensing Element The device utilizes a **Piezoresistive Silicon Cell**. When pressure is applied, the resistance of the internal bridge circuit changes. An integrated ASIC (Application-Specific Integrated Circuit) converts this physical change into a precise digital or analog signal. #### B. The "R" Suffix (Reverse/Relay) In electronic part numbering, the **-R** suffix usually denotes one of two things depending on the specific series: 1. **RoHS Compliance:** Lead-free construction for environmental safety. 2. **Reverse Output:** The logic of the switch is inverted (Normally Closed vs. Normally Open). #### C. Interface and Circuitry * **AE3 Configuration:** This typically refers to the electrical interface. It signifies a 3-wire system (V+, Ground, and Signal Out). * **Short Circuit Protection:** Most "AE" series sensors include internal diodes to protect the electronics against reverse polarity and overcurrent spikes. --- ### 3. Application Use Cases Due to its robust electronic design, the ZD36-AE3-R is used in: * **Hydraulic Systems:** Monitoring fluid pressure in real-time. * **Pneumatic Control:** Ensuring air lines maintain specific PSI/MPa levels. * **Automated Assembly:** Providing feedback to a PLC (Programmable Logic Controller) when a mechanical clamp has reached sufficient pressure. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range supported by the ZD36 series?
    • ⤷ How do I wire the AE3 configuration to a standard PLC?
    • ⤷ Are there alternative models with analog 4-20mA output instead of digital switches?