ZLEA01A1Y-R
AI

The **ZLEA01A1Y-R** is a specific part number belonging to the **Honeywell Relialign™ RDI (Residential Door Interlock)** series. These components are electro-mechanical safety devices specifically designed for use in residential swing-door elevators and dumbwaiters.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. Technical Specifications
The ZLEA01A1Y-R is designed to ensure that the elevator door is closed and locked before the elevator car can move.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Honeywell |
| **Series** | Relialign™ RDI Series |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Contact Material** | Gold-plated (typically for low-energy switching) |
| **Voltage Rating** | 24 Vdc / 24 Vac |
| **Connection Type** | 6-pin Terminal Strip |
| **Actuator Position** | Right-hand orientation |
---
### 2. Key Electronic Components
#### A. Internal Switches
The unit contains two internal subminiature switches (often from Honeywell's ZD or V15 series). These switches provide a dual-check system:
1. **Door Closed Sensor:** Detects when the door is physically flush against the frame.
2. **Lock Status Sensor:** Confirms the mechanical bolt has successfully engaged.
#### B. Solenoid Assembly
The "ZLE" designation often involves a solenoid-actuated mechanism.
* **Function:** It uses an electromagnetic coil to retract or engage the locking bolt.
* **Safety Logic:** It usually operates on a "fail-safe" or "fail-secure" logic depending on the wiring, ensuring the door cannot be opened while the elevator is in motion.
#### C. Terminal Block
Unlike standard limit switches that use flying leads, this model uses a structured terminal strip. This allows for:
* Easy integration into the elevator controller's safety string.
* Simplified field replacement.
---
### 3. Mechanical & Housing Features
* **Orientation:** The **"-R"** suffix indicates a **Right-Hand** configuration. This refers to the side of the door the lock is mounted on.
* **Housing:** Rugged plastic or die-cast zinc housing designed to withstand high-cycle usage in residential environments.
* **Manual Override:** Most RDI series parts include a manual override keyhole to unlock the door in case of power failure.
---
### 4. Application Context
The ZLEA01A1Y-R acts as a critical safety barrier. The elevator controller monitors the resistance/continuity across this part. If the circuit is open (door unlocked), the elevator's motor drive is electronically inhibited.
- ⤷
What is the difference between the 'R' and 'L' suffixes in this Honeywell series?
- ⤷ Can this interlock be used in commercial high-rise elevators?
- ⤷ What are the common failure modes for the ZLEA01A1Y-R solenoid?