Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ZLED-PCB2

  • AI
    The **ZLED-PCB2** is a specific type of LED driver or connection board typically used in architectural lighting, signage, or custom LED strip installations. It serves as an interface between a power supply (driver) and LED modules. ### 1. Key Electronic Components The board usually consists of high-quality surface-mount technology (SMT) components designed for thermal stability. | Component | Function | Description | | :--- | :--- | :--- | | **SMD LEDs** | Light Source | High-efficiency Light Emitting Diodes (often 2835 or 5050 packages). | | **Resistors** | Current Limiting | Surface-mount resistors used to regulate the current flowing through each LED string. | | **Connection Terminals** | Power Interface | Solder pads or "poke-in" connectors (like WAGO) for DC input. | | **FR4/Aluminum Substrate** | Thermal Management | The base material (PCB) designed to dissipate heat away from the LEDs. | | **Polarity Indicators** | Safety/Installation | Marked "+" and "-" pads to ensure correct DC wiring. | --- ### 2. Technical Specifications While specs can vary based on the specific version of the ZLED board, they generally follow these standards: * **Voltage Range:** Typically 12V DC or 24V DC. * **Circuit Configuration:** Series-Parallel arrays (to ensure if one LED fails, the whole board doesn't go dark). * **Dimmability:** Compatible with PWM (Pulse Width Modulation) or constant voltage dimmers. * **Mounting:** Pre-drilled holes for heat sink attachment. --- ### 3. Application Use Cases The ZLED-PCB2 is frequently used in the following scenarios: 1. **Backlighting:** Uniform illumination for lightboxes and signs. 2. **Linear Fixtures:** Creating custom lengths of high-output light in aluminum extrusions. 3. **Retrofitting:** Replacing old fluorescent tubes or incandescent bulbs in specialized housings. --- ### 4. Installation Safety Tips * **Heat Sinking:** Always mount the PCB to a metal surface (like aluminum) if the wattage is high, as heat is the primary cause of LED failure. * **Voltage Matching:** Ensure your power supply matches the PCB voltage (e.g., do not use a 24V driver on a 12V ZLED-PCB2). * **Wire Gauge:** Use appropriate AWG (American Wire Gauge) to prevent voltage drop over long distances.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the ZLED-PCB2?
    • ⤷ How do I calculate the power supply wattage needed for multiple ZLED boards?
    • ⤷ Can the ZLED-PCB2 be used with a 0-10V dimming system?