AI

The **ZM-CJT23-R** is a specific model of an **AC contactor**, typically used in industrial automation and electrical control systems to switch high-power loads. Below is a detailed breakdown of its electronic components and functional specifications.
---
### 1. Key Technical Specifications
The model name generally follows a standardized naming convention in industrial electronics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | AC Contactor |
| **Main Contacts** | 3-Pole (3P) |
| **Rated Current** | Typically 9A to 25A (Model dependent, usually 23A for this series) |
| **Coil Voltage** | Usually 220V or 110V AC (Verify specific suffix) |
| **Auxiliary Contacts** | Often 1NO (Normally Open) or 1NC (Normally Closed) |
---
### 2. Main Electronic/Mechanical Parts
The ZM-CJT23-R consists of four primary internal assemblies:
#### A. Electromagnetic System
* **Coil:** A copper wire winding that creates a magnetic field when energized. This is the "input" control signal.
* **Fixed Core (E-shaped):** A stationary piece of laminated silicon steel that concentrates the magnetic flux.
* **Armature (Movable Core):** The part that is pulled toward the fixed core by magnetic force to close the circuit.
#### B. Contact System
* **Main Contacts:** Heavy-duty silver-alloy contacts designed to handle high-current loads (like motors or heaters).
* **Auxiliary Contacts:** Lower-current contacts used for logic signaling (e.g., turning on an indicator light or providing feedback to a PLC).
#### C. Arc Extinguishing System
* **Arc Chute:** Since high-voltage switching creates sparks (arcs), this model includes a heat-resistant chamber to split and extinguish the arc quickly to prevent contact welding.
#### D. Return Spring
* Ensures that once the power to the coil is cut, the armature is pushed back to its original position, instantly breaking the electrical connection.
---
### 3. Connection Interface
| Terminal Label | Description |
| :--- | :--- |
| **L1, L2, L3** | Incoming Power (Line) |
| **T1, T2, T3** | Outgoing Power to Load (Terminal) |
| **A1, A2** | Coil Control Terminals (Where you apply control voltage) |
| **13NO / 14NO** | Auxiliary signaling path |
---
### 4. Typical Applications
1. **Motor Control:** Starting and stopping three-phase AC motors.
2. **Heating Elements:** Switching high-wattage industrial heaters.
3. **Lighting Arrays:** Controlling large banks of industrial or stadium lighting.
- ⤷
What is the specific coil voltage for your ZM-CJT23-R unit?
- ⤷ Do you need a wiring diagram for a motor starter application?
- ⤷ Are you looking for a replacement or a compatible cross-reference model?