Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ZSC31015EAG1-R

  • AI
    The **ZSC31015EAG1-R** is a high-precision CMOS integrated circuit designed for **sensor signal conditioning**. It is primarily used to amplify, digitize, and correct signals from resistive bridge sensors (like pressure, force, or torque sensors) and sensors with differential input voltages. --- ## 1. Core Technical Specifications The following table highlights the primary electrical characteristics of the ZSC31015: | Feature | Specification | | :--- | :--- | | **Supply Voltage ($V_{DD}$)** | 2.7V to 5.5V | | **ADC Resolution** | 14-bit | | **Interface** | $I^2C$ and SPI (or ZACwire One-Wire) | | **Current Consumption** | ~1mA (Active), <1µA (Sleep) | | **Operating Temperature** | -40°C to +125°C | | **Package** | SSOP-14 | | **Analog Input** | Differential Bridge Input | --- ## 2. Internal Functional Blocks The chip functions as a complete bridge-to-digital interface. Its internal architecture includes: ### A. Programmable Gain Amplifier (PGA) The input stage features a PGA that allows the chip to interface with sensors of varying sensitivities. It can handle low-level signals from strain gauges and scale them appropriately for the ADC. ### B. 14-bit Analog-to-Digital Converter (ADC) It converts the analog voltage from the sensor into a high-resolution digital value. It uses a second-order Sigma-Delta architecture to ensure noise rejection. ### C. Digital Signal Processor (DSP) The DSP performs real-time mathematical compensation. It uses coefficients stored in the non-volatile memory (EEPROM) to correct for: * **Zero-point offset** * **Gain (Span) errors** * **Non-linearity** * **Temperature drift** (using an internal or external temperature sensor) ### D. EEPROM Memory This is used to store configuration data and calibration coefficients. Once calibrated during the manufacturing process, the ZSC31015 applies these corrections automatically without needing an external MCU for math. --- ## 3. Typical Application Circuit In a standard design, the ZSC31015 sits between the sensor bridge and the system microcontroller. ```mermaid graph LR A[Resistive Bridge] -->|Differential Signal| B(ZSC31015) B -->|I2C/SPI| C[Microcontroller] D[Power Supply] --> B D --> A ``` --- ## 4. Key Advantages * **High Accuracy:** Achieves overall system accuracy of < ±0.1% FSO (Full Scale Output). * **Internal Temperature Sensor:** Allows for temperature compensation without extra components. * **Diagnostics:** Includes sensor connection checks (open/short circuit detection). * **End-of-Line Calibration:** The digital interface allows for "one-pass" calibration, reducing production costs for sensor manufacturers. ---
    ✨ Follow-up Questions
    • ⤷ How does the ZSC31015 handle temperature compensation for resistive bridges?
    • ⤷ What is the difference between ZACwire and I2C communication modes in this chip?
    • ⤷ Can you provide a pinout description for the SSOP-14 package?