ZWS100BAF-12-R
AI

The **ZWS100BAF-12-R** is a high-reliability, open-frame AC-DC power supply manufactured by TDK-Lambda. It is part of the ZWS-BAF series, designed for industrial applications requiring high efficiency and a compact footprint.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (47-63Hz) or 120 - 370 VDC |
| **Output Voltage** | 12V DC |
| **Output Current** | 8.5A |
| **Maximum Power** | 102 Watts |
| **Efficiency** | 86% - 88% (typical) |
| **Cooling** | Convection Cooled |
---
### 2. Suffix Meaning ("-R")
In the TDK-Lambda nomenclature, the suffixes denote specific hardware modifications:
* **ZWS100BAF**: The base series and power rating (100W).
* **12**: The output voltage (12V).
* **-R**: This stands for **Remote ON/OFF Control**. This allows the user to turn the output on or off using an external electrical signal without disconnecting the AC input.
---
### 3. Electronic Design Features
The ZWS100BAF-12-R incorporates several sophisticated electronic subsystems:
#### A. Power Factor Correction (PFC)
The "BAF" designation indicates active Power Factor Correction. This circuitry ensures the unit complies with **IEC61000-3-2** standards, reducing harmonic current emissions and improving energy efficiency on the grid.
#### B. Protection Circuitry
The internal PCB includes dedicated components for:
* **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery.
* **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 115-135% of nominal voltage.
* **Thermal Protection:** Integrated sensors to prevent damage from overheating.
#### C. Input/Output Isolation
* **Isolation Voltage:** Designed to withstand 3.0kVAC between Input and Output.
* **EMI Filtering:** Built-in line filters to meet EN55011/EN55022-B (Class B) radiated and conducted noise standards.
---
### 4. Physical Layout and Connectivity
As an "Open Frame" type, the electronic components are mounted on a single PCB without a full metal enclosure, which aids in heat dissipation via convection.
* **Input Connectors:** Typically JST or equivalent friction lock headers.
* **Voltage Adjustment:** A small potentiometer (VR) is usually located near the output terminals to fine-tune the 12V output (typically ±10%).
---
- ⤷What are the mounting requirements for optimal heat dissipation in the ZWS100BAF series?
- ⤷ How does the Remote ON/OFF circuit interface with external controllers?
- ⤷ What is the derating curve for this power supply at high temperatures?