ZWS150BAF-24-R
AI

## Overview of the ZWS150BAF-24/R
The **ZWS150BAF-24/R** is a high-reliability, open-frame AC-DC power supply manufactured by **TDK-Lambda**. It is part of the ZWS-BAF series, designed for industrial applications requiring high efficiency and a compact footprint.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 24V DC |
| **Output Power** | 150W |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Output Current** | 6.3A |
| **Efficiency** | Up to 90% |
| **Cooling** | Convection Cooled |
| **Safety Certifications** | UL60950-1, EN60950-1, EN50178 |
---
### Electronic Components & Design Characteristics
The internal architecture of the ZWS150BAF-24/R consists of several critical stages:
#### 1. Input Protection and Filtering (EMI Stage)
* **Fuse:** Built-in protection against catastrophic component failure.
* **Varistors (MOV):** Protects the circuit from high-voltage transients/surges.
* **EMC Filter:** Includes X and Y capacitors and common-mode chokes to reduce conducted electromagnetic interference to meet industrial standards (EN55011/22-B).
#### 2. Active Power Factor Correction (PFC)
* The "**BAF**" suffix indicates the inclusion of an **Active PFC circuit**.
* This stage uses a controller IC and a boost converter (Inductor + MOSFET) to ensure the input current waveform follows the voltage waveform, resulting in a power factor close to 0.99.
#### 3. DC-DC Conversion Stage
* **Switching MOSFETs:** High-speed transistors that chop the rectified DC into high-frequency AC.
* **Main Transformer:** Provides galvanic isolation between the primary (high voltage) and secondary (low voltage) sides.
* **Schottky Rectifiers:** Used on the output side for low-loss rectification into 24V DC.
#### 4. The "/R" Remote ON/OFF Functionality
The **"/R"** suffix denotes a specific electronic option:
* **Remote Control Circuit:** This model includes an additional opto-isolator and terminal that allows the user to turn the output ON or OFF via an external signal without disconnecting the AC input.
---
### Physical Dimensions
The unit is designed for space-constrained environments:
* **Width:** 75 mm
* **Length:** 160 mm
* **Height:** 37 mm
---
### Application Usage
* **Industrial Automation:** Powering PLCs, sensors, and actuators.
* **Test and Measurement:** Precision lab equipment.
* **Communication:** Base stations and networking hardware requiring 24V power.
- ⤷
How do I connect the Remote ON/OFF signal for the /R model?
- ⤷ What is the derating curve for this power supply at high temperatures?
- ⤷ Can this unit be mounted in any orientation?