Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ZWS150BP-24-R

  • AI
    The **TDK-Lambda ZWS150BP-24/R** is a high-reliability, AC-DC open-frame power supply designed primarily for industrial applications. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The model name indicates specific performance parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (47-63Hz) or 120 - 370 VDC | | **Output Voltage** | 24V DC | | **Output Current** | 6.3A | | **Max Output Power** | 151.2W | | **Efficiency** | Typically 88-91% | | **Cooling** | Convection Cooled | --- ### 2. Key Electronic Sections The internal circuitry is divided into several critical stages that ensure stable power delivery: #### A. Input Stage (EMI & Rectification) * **EMI Filter:** Includes X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Bridge Rectifier:** Converts the AC input into high-voltage pulsating DC. * **Inrush Current Limiter:** Usually a thermistor (NTC) that prevents high current spikes when the unit is first powered on. #### B. Active Power Factor Correction (PFC) * The "BP" in the model name signifies **Active PFC**. * This circuit uses a boost converter (inductor, power MOSFET, and controller) to ensure the input current is in phase with the voltage, reducing harmonic distortion and improving efficiency. #### C. DC-DC Converter Stage * **Switching MOSFETs:** High-speed transistors that "chop" the DC voltage into high-frequency pulses. * **Isolation Transformer:** Provides galvanic isolation between the dangerous high-voltage input and the 24V output. * **PWM Controller:** Manages the duty cycle of the MOSFETs to maintain a constant 24V output regardless of load changes. #### D. Output Stage * **Schottky Rectifiers:** High-efficiency diodes that convert high-frequency AC from the transformer back to DC. * **Smoothing Capacitors:** High-quality electrolytic capacitors that filter out voltage ripples. * **Feedback Loop:** Uses an opto-isolator to send voltage data back to the primary side for regulation without breaking electrical isolation. --- ### 3. Special Features (The "/R" Suffix) The **"/R"** suffix in this specific model indicates a specific hardware option: * **Remote ON/OFF Control:** This version includes additional pins/circuitry allowing the user to turn the power supply output on or off using an external signal, without disconnecting the AC mains. --- ### 4. Protection Circuitry The device includes several electronic safeguards to prevent damage: 1. **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds ~30V to protect the connected load. 3. **Thermal Protection:** Sensors that reduce output or shut down the unit if internal temperatures exceed safe limits. ---
    ✨ Follow-up Questions
    • ⤷ What are the mounting differences between the ZWS150BP and standard ZWS models?
    • ⤷ How does the Remote ON/OFF signal interface with a PLC?
    • ⤷ What is the expected lifetime of the electrolytic capacitors in this unit under full load?