ZWS240BP-36-R
AI

The **ZWS240BP-36/R** is a high-reliability, open-frame AC-DC power supply manufactured by **TDK-Lambda**. It is part of the ZWS-BP series, specifically designed to handle high peak loads and offer a long service life.
Below is a detailed breakdown of its electronic specifications and features.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | TDK-Lambda |
| **Output Voltage** | 36V DC |
| **Output Power (Rated)** | 241.2W |
| **Peak Output Power** | 432W (up to 10 seconds) |
| **Input Voltage Range** | 85 - 265 VAC (Universal) or 120 - 370 VDC |
| **Efficiency** | ~91% (typical at 200VAC) |
| **Cooling** | Convection Cooled (No fans required) |
| **Suffix "/R"** | Remote ON/OFF Control feature included |
---
### 2. Major Electronic Components & Design
The architecture of this power supply focuses on efficiency and thermal management:
* **Power Factor Correction (PFC):** It features active PFC, ensuring compliance with EN61000-3-2 standards, which minimizes harmonic current emissions and improves energy efficiency.
* **Capacitor Selection:** TDK-Lambda uses high-grade electrolytic capacitors designed for a 10-year lifetime under standard operating conditions (at 40°C, 24h a day).
* **Circuit Protection:**
* **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery.
* **Overvoltage Protection (OVP):** Shuts down the output if the voltage exceeds a safe threshold (approx. 41.4 - 50.4V).
* **Remote ON/OFF Control (/R):** The "R" suffix indicates the inclusion of a dedicated circuit that allows the user to toggle the power supply state using an external signal without disconnecting the AC mains.
---
### 3. Application Use Cases
Because of its high peak power capability (allowing for nearly double the rated wattage for short bursts), this unit is ideal for:
1. **Motors and Actuators:** Handling the high inrush current required to start mechanical movements.
2. **Industrial Automation:** Powering PLCs and sensors where high reliability is required.
3. **Communication Equipment:** Suitable for noise-sensitive environments due to conducted emission compliance (EN55011/EN55022-B).
---
### 4. Physical Layout
The unit is an **Open Frame** design, meaning the internal electronic components (Transformers, MOSFETs, and Heat Sinks) are exposed for maximum airflow. It uses a standard JST connector interface for input and output.
---
- ⤷
What are the specific timing requirements for the peak power usage (432W)?
- ⤷ How does the Remote ON/OFF circuit interface with a microcontroller?
- ⤷ What is the derating curve for this power supply at high ambient temperatures?