Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ZWS240BP-48-R

  • AI
    The **ZWS240BP-48-R** is a high-reliability, industrial-grade AC-DC power supply manufactured by **TDK-Lambda**. It is part of the ZWS-BP series, known for its compact design and high peak power capabilities. --- ### 1. Key Specifications The technical parameters define how the unit interacts with other electronic components in a system. | Feature | Specification | | :--- | :--- | | **Output Voltage** | 48V DC | | **Output Current** | 5A (Continuous) | | **Peak Current** | 10A (Up to 10 seconds) | | **Input Voltage Range** | 85 - 265V AC (Universal Input) | | **Efficiency** | ~91% (at 200V AC) | | **Cooling** | Convection Cooled (No fan required) | | **Operating Temp** | -10°C to +70°C | --- ### 2. Electronic Component Breakdown The unit is composed of several critical electronic sub-sections: #### A. Input Filtering & Protection * **EMI Filter:** Includes X and Y capacitors and common-mode chokes to reduce electromagnetic interference. * **Inrush Current Limiter:** Uses a thermistor or similar circuit to prevent a massive surge when the device is first plugged in. * **PFC (Power Factor Correction):** Active PFC circuitry ensures the power factor is near 0.95+, complying with EN61000-3-2 standards. #### B. The Switching Stage * **MOSFETs:** High-speed power transistors switch the DC-rectified input at high frequencies to allow for a smaller transformer size. * **PWM Controller:** A dedicated integrated circuit (IC) that regulates the duty cycle to maintain a steady 48V output despite load changes. #### C. Output Rectification & Smoothing * **Schottky Diodes/Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back to DC. * **Electrolytic Capacitors:** High-grade, long-life capacitors (often rated for 105°C) smooth the ripple voltage. #### D. The "-R" Suffix Feature The **-R** suffix indicates a specific hardware feature: * **Remote ON/OFF:** This model includes an additional connector and internal circuitry that allows an external signal (5V-24V) to toggle the output power without disconnecting the AC mains. --- ### 3. Protection Circuitry The ZWS240BP-48-R is designed to protect both itself and the connected load: 1. **Overcurrent Protection (OCP):** Shuts down or limits current if it exceeds 101% of peak capacity. 2. **Overvoltage Protection (OVP):** Protects the load if the internal feedback loop fails, typically tripping at 115-135% of 48V. 3. **Thermal Protection:** Sensors monitor the heat sink temperature and shut the unit down if it exceeds safe limits due to poor ventilation. --- ### 4. Implementation Example (Wiring) When integrating this part into a project, the pinout typically follows this structure: ```text CN1 (Input): Pin 1: AC Line (L) Pin 2: Neutral (N) Pin 3: Earth Ground (FG) CN51 (Output): V+: +48V Output V-: Ground Return CN52 (Remote): R+: Remote ON/OFF (+) R-: Remote ON/OFF (-) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between convection cooling and forced air cooling for this model?
    • ⤷ Can the 48V output be adjusted manually?
    • ⤷ What is the MTBF (Mean Time Between Failures) for the ZWS-BP series?