ZWS300RC-24-R
AI

The **ZWS300RC-24-R** is a high-reliability, AC-DC embedded switch-mode power supply (SMPS) manufactured by **TDK-Lambda**. It is part of the ZWS series, specifically designed for industrial applications requiring high efficiency and a compact footprint.
---
### 1. Key Technical Specifications
The model name provides specific details about its performance:
* **ZWS**: Series name (Zero Voltage Switching technology).
* **300**: Output power rating (300 Watts).
* **RC**: Denotes compliance with specific DC input capabilities and enhanced ripple/noise standards.
* **24**: Output Voltage (24V DC).
* **R**: Remote ON/OFF control feature included.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (47-63Hz) or 120 - 370 VDC |
| **Output Voltage** | 24V DC (Adjustable by ±10%) |
| **Max Output Current** | 12.6 A |
| **Efficiency** | ~90% (at 200VAC input) |
| **Cooling** | Convection Cooled (No fans required) |
| **Operating Temp** | -10°C to +70°C (with derating) |
---
### 2. Internal Electronic Components & Design
The ZWS300RC utilizes several critical stages to convert power efficiently:
#### A. Input Stage (EMI Filter & Rectifier)
* **EMI Filter:** Uses X and Y capacitors and common-mode chokes to suppress electromagnetic interference.
* **Bridge Rectifier:** Converts AC input to high-voltage Pulsating DC.
* **Inrush Current Limiter:** Usually a thermistor (NTC) to prevent damage during initial power-up.
#### B. Power Factor Correction (PFC)
* **Active PFC Circuit:** Uses a boost converter topology to ensure the input current is in phase with the voltage, achieving a Power Factor of >0.95. This reduces harmonic distortion.
#### C. DC-DC Conversion Stage (The "Heart")
* **Switching Transistors (MOSFETs):** These cycle at high frequencies (kHz) to chop the DC voltage.
* **Main Transformer:** Provides galvanic isolation between the high-voltage input and the 24V output.
* **Zero Voltage Switching (ZVS):** The unit uses ZVS technology to reduce switching losses in the MOSFETs, which increases efficiency and reduces heat.
#### D. Output Stage (Filtering & Regulation)
* **Schottky Rectifiers:** Used for high-speed rectification of the transformer output.
* **Electrolytic Capacitors:** Large, high-quality capacitors smooth the DC ripple.
* **Feedback Loop:** An optoisolator sends a signal back to the primary side controller to maintain a steady 24V regardless of load changes.
---
### 3. Special Features (The "R" Suffix)
The **"R"** designates the **Remote ON/OFF** functionality.
* **Circuitry:** Includes a dedicated terminal that allows an external signal (5-12V) to enable or disable the main output.
* **Benefit:** Allows the power supply to be integrated into automated systems or emergency stop circuits without cutting the primary AC line.
---
### 4. Safety and Protection Circuits
The electronic board includes integrated protection logic:
1. **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery.
2. **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds ~30V to protect the load.
3. **Thermal Protection:** Reduces output if internal component temperatures exceed safe limits.
- ⤷
What are the derating curves for this model when used in high-temperature environments?
- ⤷ How does the 'Remote ON/OFF' wiring differ from standard ZWS models?
- ⤷ Can this power supply be connected in parallel for higher current requirements?