Overall Document:
This document is a datasheet excerpt for the Freno MB9B410R Series of microcontrollers. It details features, packages, pin assignments, and some key specifications.
1. Product Overview & Features:
️· Family: Freno MB9B410R Series
️· Core: ARM Cortex-M4 (for some models, as indicated by the product names)
️· Clock Speed: Up to 144 MHz (for some models)
️· Power Supply: 2.7V to 5.5V
️· Key Peripherals:
- CAN (up to 2 channels)
- DMAC (8 channels)
- External Bus Interface (25-bit address)
- MF Serial Interface (up to 8 channels with FIFO capabilities)
- Base Timer (various configurations)
- A/D Converter (16 channels, 3 units)
- Real-Time Clock
- CRC Accelerator
- Watchdog Timer
- CSV (Clock Supervisor)
- LVD (Low-Voltage Detector)
2. Packages Available:
️· QFP (PQH100)
️· LQFP (LQI100, LQM120)
️· FBGA (LBC112)
3. Pin Assignments:
️· The document details the pin assignments for each package. A crucial note is that many pins are *relocated*, meaning they can perform multiple functions. This is controlled by the Extended Port Function Register (EPFR). The number after the underscore in the pin name indicates the relocated port number.
Key Notes & Important Considerations:
️· Relocated Pins: The use of the EPFR to configure relocated pins is essential.
️· Port Relocate Function: This function allows for flexibility in assigning functions to pins.
️· Internal Clock Accuracy: Refer to the specifications for accuracy of the built-in oscillators.