1. Device Overview (Implied - From Context) ️· Type: Serial Flash Memory (likely SPI interface)
️· Functionality: Designed for data storage in embedded systems.
️· Key Features: Supports Quad operation (faster data transfer), software and hardware protection mechanisms for data security.
2. Status Register (Key Focus - S15-S0) ️· Location: The status register controls and monitors device operation.
️· Access: Modified via the `Write Status Register (WRSR)` command.
️· Bits & Functionality (Detailed below):
3. Detailed Breakdown of Status Register Bits (Most Important)
| Bit |
Name |
Description |
Non-Volatile? |
Default Value |
Notes |
| S15 |
SUS |
Erase/Program Suspend flag. Set by Erase/Program Suspend (75H), cleared by Erase/Program Resume (7AH) or power cycle. |
No |
0 |
| S14 |
CMP |
Chip Erase Mode Select. Works with Block Protect bits to determine protection areas. |
Yes |
0 |
| S13 |
HPF |
High Performance Flag. Indicates the status of High Performance Mode. Read-only. |
No |
0 |
| S12-S11 |
Reserved |
Not used; should be written as '0' |
No |
0 |
| S10 |
LB |
Security Register Unlock. OTP (One Time Programmable). Set to 1 to lock security registers. |
Yes |
0 |
| S9 |
QE |
Quad Enable. Enables Quad operation. Set to 1 to enable Quad IO2/IO3 pins. Set to 0 for WP#/HOLD# pin enable. |
Yes |
0 |
| S8 |
SRP1 |
Status Register Protection Bit 1. Works with SRP0 and #WP to control write protection (see table below). |
Yes |
0 |
| S7 |
SRP0 |
Status Register Protection Bit 0. Works with SRP1 and #WP to control write protection (see table below). |
Yes |
0 |
| S6 |
BP4 |
Block Protect Bit 4. Used to define software-protected memory areas. |
Yes |
0 |
| S5 |
BP3 |
Block Protect Bit 3. Used to define software-protected memory areas. |
Yes |
0 |
| S4 |
BP2 |
Block Protect Bit 2. Used to define software-protected memory areas. |
Yes |
0 |
| S3 |
BP1 |
Block Protect Bit 1. Used to define software-protected memory areas. |
Yes |
0 |
| S2 |
BP0 |
Block Protect Bit 0. Used to define software-protected memory areas. |
Yes |
0 |
| S1 |
WEL |
Write Enable Latch. Must be '1' to write status register, program, or erase. |
Yes |
0 |
| S0 |
WIP |
Write In Progress. '1' indicates a write operation is in progress. '0' indicates no operation in progress. |
No |
0 |
4. Status Register Protection (SRP1 & SRP0 - Key for Data Security)The `SRP1` and `SRP0` bits, combined with the `#WP` (hardware write protect) pin, control how the status register can be written.
| SRP1 |
SRP0 |
#WP |
Status Register Control |
| 0 |
0 |
X |
Software Protected (Normal Operation) |
| 0 |
1 |
0 |
Hardware Protected (Status Register Locked) |
| 0 |
1 |
1 |
Hardware Unprotected |
| 1 |
0 |
X |
Power Supply Lock-Down (Requires Power Cycle to Reset) |
| 1 |
1 |
X |
One Time Programmable (Requires Special Order, Permanent Lock) |
5. Block Protection (BP4-BP0) ️· These bits define areas of memory that are protected against programming and erasing.
️· They work in conjunction with the `CMP` bit to define specific protected regions. Refer to the datasheet table for details on the protected area based on BP4-BP0 and CMP.
6. Quad Enable (QE) ️· Enables Quad SPI mode for faster read/write operations.
️· When disabled (QE=0), the WP# and HOLD# pins are active.
️· When enabled (QE=1), Quad IO2 and IO3 are enabled, and WP#/HOLD# functionality is changed.
In essence, this datasheet extract describes a robust flash memory device with multiple layers of protection to ensure data integrity. The status register configuration is complex, but understanding its bits and the associated protection mechanisms is crucial for proper device usage and security.