| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ALQ25B50 Datasheet
# Example questions:
➢ What is the maximum output current this power supply can deliver?
➢ What is the typical overtemperature protection activation temperature for this product?
➢ What input voltage range is required for the alq25b50n-al model?
# ALQ25B50 DC Transformer
## General Features
· Power: 300 Watts
· Input Voltage: 42 to 53 VDC
· Output Voltage: 12.0V
· Output Current: 0A to 25A (max)
· Efficiency: 96% Typical
· Package: Industry standard Qtr Brick (1.48" x 2.30" x 0.40")
· Ambient Operating Temperature: -40°C to +100°C
· Storage Temperature: -55°C to +125°C
· MTBF: > 1 million hours
· Warranty: 1 year
## Electrical Specifications
· Input UVLO Range: 39V to 42V
· Over Voltage Protection: 60V
· Line Regulation: 10.25V to 13.60V (8.50V to 40 13.60V for “-AL” option)
· Load Regulation: ±3% Vo (Typical)
· Noise/Ripple: 100mV (Typical)
· Transient Response: 200mV typical deviation (50% to 75% Load Change), 100µs max recovery time
· Over Current Limit: 115% I O,MAX typical (latching)
· Switching Frequency: 800kHz
· Isolation Voltage: 2000Vdc max
## Control & Options
· Enable: TTL compatible (Positive or Negative Logic)
· -N: Negative logic enable
· -6: 3.7mm pin length (Standard: 5mm)
· -AL: Autorecovery mode, lower UVLO range (34V to 36Vdc), 36V to 53V input voltage range
## Ordering Information
· ALQ25B50: 42V to 53V input, 12.0V output, 25A
· ALQ25B50-6: Same as above
· ALQ25B50N: Same as above with negative enable
· ALQ25B50N-6: Same as above with negative enable and shorter pins
· ALQ25B50N-AL: Autorecovery, lower UVLO, 36V-53V input
## Physical Characteristics
· Pin Placement Tolerance: ± 0.005(0.127)
· Mechanical Tolerance: ± .002(0.5)
· All dimensions in inches (millimeters)
# ALQ25B50 DC Transformer
## General Features
· Power: 300 Watts
· Input Voltage: 42 to 53 VDC
· Output Voltage: 12.0V
· Output Current: 0A to 25A (max)
· Efficiency: 96% Typical
· Package: Industry standard Qtr Brick (1.48" x 2.30" x 0.40")
· Ambient Operating Temperature: -40°C to +100°C
· Storage Temperature: -55°C to +125°C
· MTBF: > 1 million hours
· Warranty: 1 year
## Electrical Specifications
· Input UVLO Range: 39V to 42V
· Over Voltage Protection: 60V
· Line Regulation: 10.25V to 13.60V (8.50V to 40 13.60V for “-AL” option)
· Load Regulation: ±3% Vo (Typical)
· Noise/Ripple: 100mV (Typical)
· Transient Response: 200mV typical deviation (50% to 75% Load Change), 100µs max recovery time
· Over Current Limit: 115% I O,MAX typical (latching)
· Switching Frequency: 800kHz
· Isolation Voltage: 2000Vdc max
## Control & Options
· Enable: TTL compatible (Positive or Negative Logic)
· -N: Negative logic enable
· -6: 3.7mm pin length (Standard: 5mm)
· -AL: Autorecovery mode, lower UVLO range (34V to 36Vdc), 36V to 53V input voltage range
## Ordering Information
· ALQ25B50: 42V to 53V input, 12.0V output, 25A
· ALQ25B50-6: Same as above
· ALQ25B50N: Same as above with negative enable
· ALQ25B50N-6: Same as above with negative enable and shorter pins
· ALQ25B50N-AL: Autorecovery, lower UVLO, 36V-53V input
## Physical Characteristics
· Pin Placement Tolerance: ± 0.005(0.127)
· Mechanical Tolerance: ± .002(0.5)
· All dimensions in inches (millimeters)
| Part No. | ALQ25B50 |
| Manufacturer | ASTEC |
| Size | 106 Kbytes |
| Pages | 2 pages |
| Description | 300 Watts |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |