Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ25B50 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ25B50
Description  300 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ25B50 Datasheet HTML 1Page - Astec America, Inc ALQ25B50 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
300 Watts
• High efficiency (96% Typical)
• -40°C to +100°C Ambient Air Operation
• Industry standard package Qtr Brick
1.48" x 2.30" x 0.40"
• High capacitive load limit on start-up
• 12V @ 25A Intermediate Bus Voltage for
DPA application
• Regulation to zero load
• Output Enable Pin
• Meets Basic Insulation
• Input UVLO and Overvoltage Protection
• Over Temperature Protection
Input
Input Range1
42 to 53 VDC
Efficiency
96%@12V (Typ)
Over Voltage Protection
60V
Input UVLO1
39V to 42V
Output
Output Current
0A to 25A max (300W output power)
Line Regulation
10.25V to 13.60V
8.50V to 13.60V (for “-AL” option)
Load Regulation
±3% Vo (Typical)
Noise/Ripple2
100mV (Typical)
Transient Response
200mV typical deviation
50% to 75% Load Change
100µs max recovery time
Over Current Limit1
115% IO,MAX typical (latching)
Switching Frequency
800kHz
Control
Enable
TTL compatible
(Positive or Negative Enable Logic)
Isolation Voltage
Input to Output
2000Vdc max
* Specifications are subject to change without notice.
Ambient air operating temperature range:
-40°C to +100°C
Storage temperature: -55°C to +125°C
Overtemperature protection: 115°C typical
MTBF: > 1 million hours
UL, cUL 60950
TUV EN60950
Environmental
Total Power:
300W (12V @ 25A)
Input Voltages:
48V
No. of Outputs:
Single
Safety
ALQ25B50
DC Transfromer


Similar Part No. - ALQ25B50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50 Datasheet
839Kb / 11P
Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50-6 ASTEC-ALQ25B50-6 Datasheet
839Kb / 11P
Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50N ASTEC-ALQ25B50N Datasheet
839Kb / 11P
Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50N-6 ASTEC-ALQ25B50N-6 Datasheet
839Kb / 11P
Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
Industry Standard 쩌 Brick: 300W DC Transformer
More results

Similar Description - ALQ25B50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BM80A ASTEC-BM80A Datasheet
627Kb / 2P
300 Watts
logo
Anaren Microwave
A300B50X1A ANAREN-A300B50X1A Datasheet
349Kb / 2P
Chip Termination 300 Watts, 50W
RFP-375375-6X50-2 ANAREN-RFP-375375-6X50-2 Datasheet
503Kb / 2P
Chip Terminations 300 Watts, 50ohm
logo
Sparkle Power Inc.
FSP300-60GHS SPI-FSP300-60GHS Datasheet
236Kb / 1P
300 Watts SFX Power Supply
FSP350-60GHS85 SPI-FSP350-60GHS85 Datasheet
129Kb / 1P
300 Watts SFX Power Supply
SPI300T8HNB SPI-SPI300T8HNB Datasheet
98Kb / 1P
300 Watts TFX Power Supply
logo
Artesyn Technologies
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
logo
XP Power Limited
PBM300 XPPOWER-PBM300 Datasheet
161Kb / 2P
300 Watts PBM300 Series
RDH300 XPPOWER-RDH300 Datasheet
712Kb / 6P
DC-DC Converter 300 Watts
logo
Integrated Power Design...
CE-300 IPDPOWER-CE-300 Datasheet
247Kb / 2P
300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com