Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5302 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MIC5302 Datasheet

  • # Example questions: ➢ What happens when the enable pin is forced low, and why is it crucial to avoid leaving it floating?
    ➢ What type of capacitor is recommended for optimal performance as the output capacitor, and why?
    ➢ What is the equation used to determine the power dissipation of the regulator circuit, and what key factors are involved?

  • Part No.MIC5302
    ManufacturerMICREL
    Size354 Kbytes
    Pages8 pages
    Description150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
    Datasheet Summary with AI

    Okay, let's break down the content of this MIC5302 datasheet. This is a Low-Dropout (LDO) voltage regulator. Here's a comprehensive summary, organized by sections:

    1. Functional Overview & Key Features:

    ️· LDO Regulator: This is a low-dropout regulator, meaning it can maintain a stable output voltage even when the input voltage is close to the output voltage.
    ️· Enable/Shutdown: It has an active-high enable pin for disabling the regulator. When disabled, it draws very little current. *Important: The enable pin *must* be connected to a defined voltage (either high or low) to avoid indeterminate behavior.*
    ️· Stability with No Load: A key feature – it remains stable even when there's no load connected to the output. This is useful in applications like CMOS RAM keep-alive circuits.
    ️· 150mA Continuous Current: The regulator is designed to deliver up to 150mA of continuous current.

    2. Electrical Characteristics (Not Fully Detailed in the Provided Text, but Inferred):

    ️· Output Voltage: 2.8V (specifically the MIC5302-2.8YML variant)
    ️· Input Voltage Range: Not explicitly stated, but inferred to be around 3.6V (based on the thermal calculations and comments).
    ️· Low Dropout Voltage: The 'Low-Dropout' nature implies a minimal voltage difference required between input and output to maintain regulation.

    3. Application Information - Detailed Advice on Usage:

    ️· Input Capacitor: A 1µF capacitor is *required* from the input to ground for stability. Low-ESR ceramic capacitors are best. Additional small ceramic capacitors are recommended for noise filtering.
    ️· Output Capacitor: A capacitor of 1µF or greater is needed for stability. Low-ESR ceramic capacitors are preferred. The design is optimized for this capacitance. X7R/X5R dielectric ceramic capacitors are recommended due to their temperature stability. Avoid Y5V and Z5U capacitors.
    ️· Thermal Considerations:

    - Power Dissipation Calculation: Formulas are provided to determine power dissipation based on input voltage, output voltage, and output current.
    - Thermal Resistance: The regulator has a thermal resistance rating of 173°C/W in the specified MLF package.
    - Maximum Ambient Temperature: Based on power dissipation and thermal resistance, the maximum safe ambient operating temperature is calculated (e.g., 104°C for a 150mA load at 3.6V input).
    ️· Enable/Shutdown: Emphasizes the requirement of a defined voltage on the enable pin.

    4. Package Information:

    ️· Available in a 4-pin 1.2mm x 1.6mm Thin MLF [®] package.

    5. Key Takeaways & Design Considerations:

    ️· Capacitor Selection is Critical: The datasheet heavily emphasizes the need for correctly sized and type of capacitors on both input and output.
    ️· Thermal Management: Carefully assess power dissipation and ambient temperature to ensure the regulator doesn't overheat.
    ️· Enable Pin Handling: Ensure the enable pin is always connected to a defined logic level.



    Let me know if you've got any specific questions about any of these areas.

    1. Functional Overview & Key Features:

    ️· LDO Regulator: This is a low-dropout regulator, meaning it can maintain a stable output voltage even when the input voltage is close to the output voltage.
    ️· Enable/Shutdown: It has an active-high enable pin for disabling the regulator. When disabled, it draws very little current. *Important: The enable pin *must* be connected to a defined voltage (either high or low) to avoid indeterminate behavior.*
    ️· Stability with No Load: A key feature – it remains stable even when there's no load connected to the output. This is useful in applications like CMOS RAM keep-alive circuits.
    ️· 150mA Continuous Current: The regulator is designed to deliver up to 150mA of continuous current.

    2. Electrical Characteristics (Not Fully Detailed in the Provided Text, but Inferred):

    ️· Output Voltage: 2.8V (specifically the MIC5302-2.8YML variant)
    ️· Input Voltage Range: Not explicitly stated, but inferred to be around 3.6V (based on the thermal calculations and comments).
    ️· Low Dropout Voltage: The 'Low-Dropout' nature implies a minimal voltage difference required between input and output to maintain regulation.

    3. Application Information - Detailed Advice on Usage:

    ️· Input Capacitor: A 1µF capacitor is *required* from the input to ground for stability. Low-ESR ceramic capacitors are best. Additional small ceramic capacitors are recommended for noise filtering.
    ️· Output Capacitor: A capacitor of 1µF or greater is needed for stability. Low-ESR ceramic capacitors are preferred. The design is optimized for this capacitance. X7R/X5R dielectric ceramic capacitors are recommended due to their temperature stability. Avoid Y5V and Z5U capacitors.
    ️· Thermal Considerations:
    - Power Dissipation Calculation: Formulas are provided to determine power dissipation based on input voltage, output voltage, and output current.
    - Thermal Resistance: The regulator has a thermal resistance rating of 173°C/W in the specified MLF package.
    - Maximum Ambient Temperature: Based on power dissipation and thermal resistance, the maximum safe ambient operating temperature is calculated (e.g., 104°C for a 150mA load at 3.6V input).
    ️· Enable/Shutdown: Emphasizes the requirement of a defined voltage on the enable pin.

    4. Package Information:

    ️· Available in a 4-pin 1.2mm x 1.6mm Thin MLF [®] package.

    5. Key Takeaways & Design Considerations:

    ️· Capacitor Selection is Critical: The datasheet heavily emphasizes the need for correctly sized and type of capacitors on both input and output.
    ️· Thermal Management: Carefully assess power dissipation and ambient temperature to ensure the regulator doesn't overheat.
    ️· Enable Pin Handling: Ensure the enable pin is always connected to a defined logic level.

    Part No.MIC5302
    ManufacturerMICREL
    Size354 Kbytes
    Pages8 pages
    Description150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF