Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5302 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5302
Description  150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5302 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5302 Datasheet HTML 1Page - Micrel Semiconductor MIC5302 Datasheet HTML 2Page - Micrel Semiconductor MIC5302 Datasheet HTML 3Page - Micrel Semiconductor MIC5302 Datasheet HTML 4Page - Micrel Semiconductor MIC5302 Datasheet HTML 5Page - Micrel Semiconductor MIC5302 Datasheet HTML 6Page - Micrel Semiconductor MIC5302 Datasheet HTML 7Page - Micrel Semiconductor MIC5302 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Micrel, Inc.
MIC5302
October 2006
5
M9999-102506-B
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Ground Pin Current
vs. Output Current
COUT = 1µF
VOUT = 2.8V
VIN = VOUT + 1V
70
72
78
80
82
84
86
88
90
Ground Pin Current
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
74
76
100µA
150mA
0
10
20
30
40
50
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Ground Pin Current
vs. Supply Voltage
100µA
150mA
0
-10
-20
-30
-40
-50
-60
-70
-80
Power Supply
Rejection Ratio
FREQUENCY (kHz)
1
0.1
10
100
1,000
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
50mA
150mA
50
60
70
80
90
Dropout Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VOUT = 2.8V
COUT = 1µF
100µA
50mA
150mA
100mA
0
10
20
30
40
0
10
20
30
40
50
60
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VOUT = 2.8V
COUT = 1µF
2.77
2.78
2.79
2.80
2.81
2.82
2.83
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
COUT = 1µF
VOUT = 2.8V
VIN = VOUT + 1V
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0123456
SUPPLY VOLTAGE (V)
Output Voltage
vs. Supply Voltage
100µA
150mA
COUT = 1µF
VOUT = 2.8V
2.50
2.55
2.60
2.65
2.70
2.75
2.85
2.90
2.95
3.00
Output Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
IOUT = 100µA
2.80
350
360
370
380
390
400
410
420
430
440
450
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
VOUT = 2.8V
COUT = 1µF
0.001
0.01
0.1
1
10
Output Noise
Spectral Density
1
FREQUENCY (kHz)
0.1
0.01
10
100 1,000
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com