Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF211 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MICRF211 Datasheet

  • # Example questions: ➢ How is the local oscillator frequency related to the rf carrier frequency in the described design, and what is the implication of using a 'low side injection' approach?
    ➢ What is the purpose of the band-pass filter front-end (l1 and c8) in the qr211he1 application example, and under what circumstances might it be unnecessary?
    ➢ What key characteristics should the crystal (y1 or y1a) have to ensure optimal performance of the micrf211, and why is careful pcb layout important when using the crystal oscillator?

  • Part No.MICRF211
    ManufacturerMICREL
    Size933 Kbytes
    Pages18 pages
    Description3V, QwikRadio짰 433.92 MHz Receiver
    Datasheet Summary with AI

    1. Overview & Target Audience

    ️· Device: Micrel QR211HE1 (a receiver/transmitter IC, likely for ISM band applications like 433.92 MHz)
    ️· Purpose of the Note: Provides application information, including schematic examples, component recommendations, layout considerations, and crystal specifications for using the QR211HE1.
    ️· Target Audience: Engineers and technicians involved in designing and implementing systems using the QR211HE1.

    2. Block Diagram and Key Features

    ️· Local Oscillator Injection: The QR211HE1 uses *low-side injection*, meaning the local oscillator frequency is *below* the RF carrier frequency. This helps in rejecting unwanted signals.
    ️· Crystal Frequency Calculation: `F_REF_OSC = F_RF / (32 + 1.1/12)` – Crucial for selecting the correct crystal.
    ️· Receiver Architecture: The device utilizes an image reject mixer.

    3. Application Example & Evaluation Board (QR211HE1):

    ️· QR211HE1 Example: A starting point is the QR211HE1 evaluation board operating at 433.92MHz. The board has:
    - Helical PCB antenna with matching network.
    - Band-pass filter front-end.
    - Minimum components for operation (crystal, Cagc, Cth capacitors).
    ️· Antenna Options: The helical antenna's matching network can be removed to use a whip antenna or a direct RF connector connection.
    ️· Bandpass Filter Front-end: Filters out unwanted noise. Can be omitted if noise isn’t a problem.

    4. Component Recommendations & Matching Networks:

    ️· Matching Network Components (C3 and L2): Used to match the antenna to the IC’s input impedance.
    - L2 calculation: Based on the calculated input impedance.
    - C3 calculation: Calculated for an input impedance near 50Ω
    ️· Bandpass Filter Front-End (L1 & C8): Used to reduce unwanted outside band noise.
    ️· Crystal Selection (Y1/Y1A):
    - Load capacitance: 10pF (critical for oscillator operation)
    - ESR < 50Ω
    - Temperature range: -40°C to +105°C
    - See Table 5 for vendor part numbers.

    5. PCB Layout Considerations:

    ️· Crystal Oscillator Sensitivity: The crystal oscillator is very sensitive to stray capacitance.
    ️· Minimize Stray Capacitance: Avoid long traces and ground planes near the REFOSC pins (RO1 and RO2).
    ️· Potential Problems:
    - Oscillator may take longer to start.
    - Time to reliable data on DO pin may be delayed.
    - Oscillator might not start at all with high stray capacitance (>20pF).

    6. Tables & Key Values


    ️· Table 2: Matching Values for Helical PCB Antenna (for different frequencies)
    Freq (MHz) C3 (pF) L2(nH) Z device (Ω)
    390.0 1.5 47 22.5 – j198.5
    418.0 1.5 43 21.4 – j186.1
    433.92 1.5 39 18.6 – j174.2

    ️· Table 3: Band-Pass-Filter Front-End Values
    - Not explicitly listed; parameters for L1 and C8 needed to calculate resonance frequency.

    ️· Table 4: Matching Values for most used frequencies
    Freq (MHz) C3 (pF) L2(nH) Z device (Ω)
    390.0 1.5 47 22.5 – j198.5
    418.0 1.5 43 21.4 – j186.1
    433.92 1.5 39 18.6 – j174.2

    ️· Table 5: Crystal Frequency and Vendor Part Numbers
    REFOSC (MHz) Carrier (MHz) HIB Part Number
    12.15269 390.0 SA-12.152690-F-10-H-30-30-X
    13.02519 418.0 SA-13.025190-F-10-H-30-30-X
    13.52127 433.92 SA-13.521270-F-10-H-30-30-X



    In essence, this document provides a practical guide for implementing a 433.92 MHz system using the Micrel QR211HE1, emphasizing component selection, PCB layout, and oscillator operation.

    1. Overview & Target Audience

    ️· Device: Micrel QR211HE1 (a receiver/transmitter IC, likely for ISM band applications like 433.92 MHz)
    ️· Purpose of the Note: Provides application information, including schematic examples, component recommendations, layout considerations, and crystal specifications for using the QR211HE1.
    ️· Target Audience: Engineers and technicians involved in designing and implementing systems using the QR211HE1.

    2. Block Diagram and Key Features

    ️· Local Oscillator Injection: The QR211HE1 uses *low-side injection*, meaning the local oscillator frequency is *below* the RF carrier frequency. This helps in rejecting unwanted signals.
    ️· Crystal Frequency Calculation: `F_REF_OSC = F_RF / (32 + 1.1/12)` – Crucial for selecting the correct crystal.
    ️· Receiver Architecture: The device utilizes an image reject mixer.

    3. Application Example & Evaluation Board (QR211HE1):

    ️· QR211HE1 Example: A starting point is the QR211HE1 evaluation board operating at 433.92MHz. The board has:
    - Helical PCB antenna with matching network.
    - Band-pass filter front-end.
    - Minimum components for operation (crystal, Cagc, Cth capacitors).
    ️· Antenna Options: The helical antenna's matching network can be removed to use a whip antenna or a direct RF connector connection.
    ️· Bandpass Filter Front-end: Filters out unwanted noise. Can be omitted if noise isn’t a problem.

    4. Component Recommendations & Matching Networks:

    ️· Matching Network Components (C3 and L2): Used to match the antenna to the IC’s input impedance.
    - L2 calculation: Based on the calculated input impedance.
    - C3 calculation: Calculated for an input impedance near 50Ω
    ️· Bandpass Filter Front-End (L1 & C8): Used to reduce unwanted outside band noise.
    ️· Crystal Selection (Y1/Y1A):
    - Load capacitance: 10pF (critical for oscillator operation)
    - ESR < 50Ω
    - Temperature range: -40°C to +105°C
    - See Table 5 for vendor part numbers.

    5. PCB Layout Considerations:

    ️· Crystal Oscillator Sensitivity: The crystal oscillator is very sensitive to stray capacitance.
    ️· Minimize Stray Capacitance: Avoid long traces and ground planes near the REFOSC pins (RO1 and RO2).
    ️· Potential Problems:
    - Oscillator may take longer to start.
    - Time to reliable data on DO pin may be delayed.
    - Oscillator might not start at all with high stray capacitance (>20pF).

    6. Tables & Key Values


    ️· Table 2: Matching Values for Helical PCB Antenna (for different frequencies)
    Freq (MHz) C3 (pF) L2(nH) Z device (Ω)
    390.0 1.5 47 22.5 – j198.5
    418.0 1.5 43 21.4 – j186.1
    433.92 1.5 39 18.6 – j174.2

    ️· Table 3: Band-Pass-Filter Front-End Values
    - Not explicitly listed; parameters for L1 and C8 needed to calculate resonance frequency.

    ️· Table 4: Matching Values for most used frequencies
    Freq (MHz) C3 (pF) L2(nH) Z device (Ω)
    390.0 1.5 47 22.5 – j198.5
    418.0 1.5 43 21.4 – j186.1
    433.92 1.5 39 18.6 – j174.2

    ️· Table 5: Crystal Frequency and Vendor Part Numbers
    REFOSC (MHz) Carrier (MHz) HIB Part Number
    12.15269 390.0 SA-12.152690-F-10-H-30-30-X
    13.02519 418.0 SA-13.025190-F-10-H-30-30-X
    13.52127 433.92 SA-13.521270-F-10-H-30-30-X



    In essence, this document provides a practical guide for implementing a 433.92 MHz system using the Micrel QR211HE1, emphasizing component selection, PCB layout, and oscillator operation.

    Part No.MICRF211
    ManufacturerMICREL
    Size933 Kbytes
    Pages18 pages
    Description3V, QwikRadio짰 433.92 MHz Receiver