Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF211 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF211 Datasheet HTML 1Page - Micrel Semiconductor MICRF211 Datasheet HTML 2Page - Micrel Semiconductor MICRF211 Datasheet HTML 3Page - Micrel Semiconductor MICRF211 Datasheet HTML 4Page - Micrel Semiconductor MICRF211 Datasheet HTML 5Page - Micrel Semiconductor MICRF211 Datasheet HTML 6Page - Micrel Semiconductor MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MICRF211
3V, QwikRadio
® 433.92 MHz Receiver
QwikRadio is a registered trademark of Micrel, Inc.
Certain of the QwikRadio ICs were developed under a development agreement with AIT of Orlando, FL.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2007
M9999-030107
(408) 944-0800
General Description
The MICRF211 is a general purpose, 3V QwikRadio
Receiver that operates at 433.92MHz with typical
sensitivity of -110dBm.
The
MICRF211
functions
as
a
super-heterodyne
receiver for OOK and ASK modulation up to 10kbps.
The
down-conversion
mixer
also
provides
image
rejection. All post-detection data filtering is provided on
the MICRF211. Any one-of-four filter bandwidths may
be selected externally by the user in binary steps, from
1.25kHz to 10kHz. The user need only configure the
device with a set of easily determined values, based
upon data rate, code modulation format, and desired
duty-cycle operation.
Features
• –110 dBm sensitivity, 1kbps and BER 10E-02
• Image Rejection Mixer
• Frequency from 380MHz to 450MHz
• Low power, 6.0mA @ 433.92MHz, continuous on
data rates to 10kbps (Manchester Encoded)
• Analog RSSI Output
• No IF filter required
• Excellent selectivity and noise rejection
• Low external part count
Ordering Information
Part Number
Temperature Range
Package
MICRF211AYQS
–40° to +105°C
16-Pin QSOP
_______________________________________________________________________________________________
Typical Application
433.92 MHz, 1kHz Baud Rate Example


Similar Part No. - MICRF211

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
3.3V, QwikRadio짰 315MHz Receiver
MICRF213 MICREL-MICRF213 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
974Kb / 16P
3.3V, QwikRadio짰 315MHz Receiver
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
More results

Similar Description - MICRF211

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
433.92 MHz Hybrid Receiver
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
433.92 MHz Hybrid Receiver
DR5100 RFM-DR5100 Datasheet
146Kb / 4P
433.92 MHz Receiver Module
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218 Datasheet
1Mb / 24P
3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
logo
Silicon Laboratories
SI4311 SILABS-SI4311 Datasheet
168Kb / 20P
315/433.92 MHZ FSK RECEIVER
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
Murata Manufacturing Co...
DR5100 MURATA-DR5100 Datasheet
330Kb / 4P
433.92 MHz Receiver Module
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
logo
Silicon Laboratories
SI4312-B10-GMR SILABS-SI4312-B10-GMR Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
Princeton Technology Co...
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com